Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS4625 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4625
Description  3.3V Dual-Output LVPECL Clock Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4625 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4625_10 Datasheet HTML 1Page - Maxim Integrated Products DS4625_10 Datasheet HTML 2Page - Maxim Integrated Products DS4625_10 Datasheet HTML 3Page - Maxim Integrated Products DS4625_10 Datasheet HTML 4Page - Maxim Integrated Products DS4625_10 Datasheet HTML 5Page - Maxim Integrated Products DS4625_10 Datasheet HTML 6Page - Maxim Integrated Products DS4625_10 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.3V Dual-Output LVPECL Clock Oscillator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to ground unless otherwise noted.)
Voltage Range on Any Pin Relative to Ground......-0.3V to +4.0V
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
θJA ...................................................................+90°C/W (Note 1)
Storage Temperature Range ...............................-55°C to +85°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
2.97
3.3
3.63
V
Input-Voltage High (OE)
VIH
0.7 x
VCC
VCC
V
Input-Voltage Low (OE)
VIL
0
0.3 x
VCC
V
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40°C to +85°C, typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ICC_PU
LVPECL, output unloaded
65
90
mA
ICC_PL
LVPECL, output loaded
120
140
mA
Operating Current
ICC_OEZ
VOE = VIL
80
115
mA
fOUT1
Output Frequency
fOUT2
VOE = VIH
fC
MHz
Startup Time
tSTART
(Note 4)
1.0
ms
Frequency Stability
fTOTAL/fC
Temperature, aging, load, supply, and
initial tolerance (Note 5)
-50
+50
ppm
Frequency Stability Over
Temperature with Initial
Tolerance
fTEMP/fC
VCC = +3.3V
-35
+35
ppm
Initial Tolerance
fINITIAL/fC VCC = +3.3V, TA = +25°C
±20
ppm
Frequency Change Due to VCC
fVCC
VCC = +3.3V ±10%, TA = +25°C
-3
+3
ppm/V
Frequency Change Due to Load
Variation
fLOAD/fC
±10% variation in termination resistance
±1
ppm
Aging (15 Years)
fAGING/fC
-7
+7
ppm
OE Pullup Resistance
RPU
TA = +25°C
70
100
130
k
Note 1: Package thermal resistances were obtained using a two-layer board. For detailed information on package thermal consider-
ations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com