Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT20M45BVR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT20M45BVR
Description  POWER MOS V짰
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT20M45BVR Datasheet(HTML) 1 Page - Microsemi Corporation

  APT20M45BVR Datasheet HTML 1Page - Microsemi Corporation APT20M45BVR Datasheet HTML 2Page - Microsemi Corporation APT20M45BVR Datasheet HTML 3Page - Microsemi Corporation APT20M45BVR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings
All Ratings: T
C = 25°C unless otherwise specified.
Symbol
Parameter
Ratings
Unit
V
DSS
Drain Source Voltage
200
Volts
I
D
Continuous Drain Current @ T
C = 25°C
56
Amps
I
DM
Pulsed Drain Current 1
224
V
GS
Gate-Source Voltage Continuous
±30
Volts
V
GSM
Gate-Source Voltage Transient
±40
P
D
Total Power Dissipation @ T
C = 25°C
300
Watts
Linear Derating Factor
2.4
W/C°
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 150
°C
T
L
Lead Temperature for Soldering: 0.063" from Case for 10 Seconds
300
I
AR
Avalanche Current 1 (Repetitive and Non-Repatitive)
56
Amps
E
AR
Repetitive Avalanche Energy 1
30
mJ
E
AS
Single Pulse Avalanche Energy 4
1300
FEATURES
• Faster switching
• Lower Leakage
• 100% Avalanche tested
• Popular TO-247 Package
• RoHS compliant
200V, 56A, 0.045
Ω
APT20M45BVR(G)
POWER MOS V®
is a new generation of high voltage N-Channel enhancement
mode power MOSFETs. This new technology minimizes the JFET effect, increase
packing density and reduces the on-resistance. Power MOS V® also achieves
faster switching speeds through optimized gate layout.
Microsemi Website - http://www.microsemi.com
POWER MOS V®
Static Characteristics
TJ = 25°C unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250μA)
200
Volts
I
D(on)
On State Drain Current 2 (V
DS > ID(on) x RDS(on) Max, VGS = 10V)
56
Amps
R
DS(on)
Drain-Source On-State Resistance 2 (V
GS = 10V, 0.5 ID[Cont.])
0.045
Ohms
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
25
μA
Zero Gate Voltage Collector Current (V
GS = 0.8 VDSS, VGS = 0V, TC = 125°C)
250
I
GSS
Gate-Source Leakage Current (V
GS = ±30V, VDS = 0V)
±100
nA
V
GS(th)
Gate Threshold Voltage (V
DS = VGS, ID = 1.0mA)
2
4
Volts
TO-247
D3
APT20M45BVR(G)
G
D
S
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.


Similar Part No. - APT20M45BVR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20M45BVR ADPOW-APT20M45BVR Datasheet
92Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
logo
Inchange Semiconductor ...
APT20M45BVR ISC-APT20M45BVR Datasheet
419Kb / 2P
isc N-Channel MOSFET Transistor
APT20M45BVRG ISC-APT20M45BVRG Datasheet
337Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - APT20M45BVR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A11A1SR TOREX-XP132A11A1SR Datasheet
68Kb / 4P
Power MOS FET
XP133A1145SR TOREX-XP133A1145SR Datasheet
161Kb / 4P
Power MOS FET
logo
List of Unclassifed Man...
XP133A1235SR ETC1-XP133A1235SR Datasheet
60Kb / 4P
Power MOS FET
logo
Torex Semiconductor
XP162A11COPR TOREX-XP162A11COPR Datasheet
59Kb / 4P
Power MOS FET
logo
Microsemi Corporation
APT50M60L2VFR MICROSEMI-APT50M60L2VFR_04 Datasheet
161Kb / 5P
POWER MOS V짰 FREDFET
APT50M60L2VR MICROSEMI-APT50M60L2VR_04 Datasheet
160Kb / 5P
POWER MOS V짰 MOSFET
logo
Advanced Power Technolo...
APT60M80L2VR ADPOW-APT60M80L2VR_04 Datasheet
162Kb / 5P
POWER MOS V짰 MOSFET
logo
Microsemi Corporation
APT6045BVFR MICROSEMI-APT6045BVFR Datasheet
138Kb / 4P
POWER MOS V짰 FREDFET
logo
Advanced Power Technolo...
APT5017BVRG ADPOW-APT5017BVRG Datasheet
49Kb / 4P
POWER MOS V
logo
Microchip Technology
APT10M09B2VFR MICROCHIP-APT10M09B2VFR Datasheet
301Kb / 5P
POWER MOS V짰 FREDFET
Rev B 5-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com