Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1065BCUI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1065BCUI
Description  Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1065BCUI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1065BCUI Datasheet HTML 4Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 5Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 6Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 7Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 8Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 9Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 10Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 11Page - Maxim Integrated Products MAX1065BCUI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Detailed Description
Converter Operation
The MAX1065/MAX1066 use a successive-approximation
(SAR) conversion technique with an inherent track-and-
hold (T/H) stage to convert an analog input into a 14-bit
digital output. Parallel outputs provide a high-speed inter-
face to most microprocessors (µPs). The
Functional
Diagram shows a simplified internal architecture of the
MAX1065/MAX1066. Figure 3 shows a typical application
circuit for the MAX1066.
Analog Input
The equivalent input circuit is shown in Figure 4. A
switched capacitor digital-to-analog converter (DAC)
provides an inherent track-and-hold function. The sin-
gle-ended input is connected between AIN and AGND.
Input Bandwidth
The ADC’s input-tracking circuitry has a 4MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid aliasing of
unwanted high-frequency signals into the frequency
band of interest, use antialias filtering.
Internal protection diodes, which clamp the analog
input to AVDD and/or AGND, allow the input to swing
from AGND - 0.3V to AVDD + 0.3V, without damaging
the device.
If the analog input exceeds 300mV beyond the sup-
plies, limit the input current to 10mA.
Track and Hold (T/H)
In track mode, the analog signal is acquired on the
internal hold capacitor. In hold mode, the T/H switches
open and the capacitive DAC samples the analog input.
Low-Power, 14-Bit Analog-to-Digital Converters
with Parallel Interface
8
_______________________________________________________________________________________
CS
R/C
REF POWER-
DOWN BIT
EOC
D0–D13
HBEN*
DATA VALID
D7/D13–D0/D8*
HIGH/LOW
BYTE VALID
tACQ
tCONV
tCSH
tCSL
tDH
tDO
tDO1
tEOC
*HBEN AND BYTE-WIDE DATA BUS AVAILABLE ON MAX1066 ONLY.
tDS
tDV
HI–Z
HI-Z
HIGH/LOW
BYTE VALID
tBR
tBR
Figure 2. MAX1065/MAX1066 Timing Diagram
DGND
1mA
CLOAD = 20pF
D0–D13
D0–D13
CLOAD = 20pF
1mA
DGND
DVDD
a) HIGH-Z TO VOH,
VOL TO VOH, AND
VOH TO HIGH-Z
b) HIGH-Z TO VOL,
VOH TO VOL, AND
VOL TO HIGH-Z
Figure 1. Load Circuits for D0–D13 Enable Time, CS to D0–D13
Delay Time and Bus Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com