Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT75DL60B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT75DL60B
Description  Ultrasoft Recovery Rectifi er Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT75DL60B Datasheet(HTML) 2 Page - Microsemi Corporation

  APT75DL60B Datasheet HTML 1Page - Microsemi Corporation APT75DL60B Datasheet HTML 2Page - Microsemi Corporation APT75DL60B Datasheet HTML 3Page - Microsemi Corporation APT75DL60B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT75DL60B_S(G)
DYNAMIC CHARACTERISTICS
THERMAL AND MECHANICAL CHARACTERISTICS
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
t
rr
Reverse Recovery Time
I
F = 1A, diF/dt = -100A/μs, VR = 30V, TJ = 25°C
56
ns
t
rr
Reverse Recovery Time
I
F = 75A, diF/dt = -200A/μs
V
R = 400V, TC = 25°C
460
Q
rr
Reverse Recovery Charge
2174
nC
I
RRM
Maximum Reverse Recovery Current
11
Amps
t
rr
Reverse Recovery Time
I
F = 75A, diF/dt = -200A/μs
V
R = 400V, TC = 125°C
597
ns
Q
rr
Reverse Recovery Charge
4326
nC
I
RRM
Maximum Reverse Recovery Current
15
Amps
t
rr
Reverse Recovery Time
I
F = 75A, diF/dt = -1000A/μs
V
R = 400V, TC = 125°C
355
ns
Q
rr
Reverse Recovery Charge
7215
nC
I
RRM
Maximum Reverse Recovery Current
42
Amps
Symbol
Characteristic / Test Conditions
Min
Typ
Max
Unit
R
θJC
Junction-to-Case Thermal Resistance
0.40
°C/W
W
T
Package Weight
0.22
oz
5.9
g
Torque
Maximum Mounting Torque
10
lb·in
1.1
N·m
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com