Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2653 Datasheet(PDF) 1 Page - Rohm

Part # 2SD2653
Description  Low frequency amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2653 Datasheet(HTML) 1 Page - Rohm

  2SD2653_1 Datasheet HTML 1Page - Rohm 2SD2653_1 Datasheet HTML 2Page - Rohm 2SD2653_1 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD2653
Transistors
Rev.B
1/2
Low frequency amplifier
2SD2653
Application
Low frequency amplifier
Driver
Features
1) A collector current is large.
2) VCE(sat) ≦ 180mV
at IC = 1A / IB = 50mA
External dimensions (Unit : mm)
Each lead has same dimensions
(1) Base
(2) Emitter
(3) Collector
TSMT3
0~0.1
0.16
0.85
1.0MAX
0.7
(2)
(1)
(3)
2.9
1.9
0.95
0.95
0.4
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
15
12
6
2
500
150
−55 to +150
4
∗1
∗2
Unit
V
V
V
A
A
mW
1W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
∗1 Single pulse, PW=1ms
∗2 Mounted on a 25×25× 0.8mm Ceramic substrate
t
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0A, f=1MHz
fT
−
360
−
MHz
VCE
=2V, IE=−200mA, f=100MHz
BVCBO
15
−−
V
IC
=10µA
BVCEO
12
−−
V
IC
=1mA
BVEBO
6
−−
V
IE
=10µA
ICBO
−−
100
nA
VCB
=15V
IEBO
−−
100
nA
VEB
=6V
VCE(sat)
−
90
180
mV
IC
=1A, IB=50mA
hFE
270
−
680
−
VCE
=2V, IC=200mA
Cob
−
20
−
pF
∗
∗
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current gain
Transition frequency
Corrector output capacitance
∗ Pulsed
Packaging specifications
2SD2653
TL
3000
Type
Package
Code
Basic ordering unit (pieces)
Taping


Similar Part No. - 2SD2653_1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2653K ROHM-2SD2653K Datasheet
73Kb / 3P
Low frequency amplifier
More results

Similar Description - 2SD2653_1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
LOW FREQUENCY AMPLIFIER
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
Low frequency amplifier
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
Low frequency amplifier
logo
Usha India Ltd.
2SA539 USHA-2SA539 Datasheet
81Kb / 2P
LOW FREQUENCY AMPLIFIER
logo
Rohm
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
Low frequency amplifier
2SD2700 ROHM-2SD2700_1 Datasheet
97Kb / 3P
Low frequency amplifier
logo
Littelfuse
2SB1707TL LITTELFUSE-2SB1707TL Datasheet
60Kb / 3P
Low frequency amplifier
logo
Fairchild Semiconductor
KSA812OMTF FAIRCHILD-KSA812OMTF Datasheet
64Kb / 4P
Low Frequency Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com