Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62060 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 9Page - Texas Instruments TPS62060 Datasheet HTML 10Page - Texas Instruments TPS62060 Datasheet HTML 11Page - Texas Instruments TPS62060 Datasheet HTML 12Page - Texas Instruments TPS62060 Datasheet HTML 13Page - Texas Instruments TPS62060 Datasheet HTML 14Page - Texas Instruments TPS62060 Datasheet HTML 15Page - Texas Instruments TPS62060 Datasheet HTML 16Page - Texas Instruments TPS62060 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Outputvoltage
Vout (PWM)
Vout +1%
PFMComparator
threshold
VoltagePositioning
Lightload
PFMMode
moderatetoheavyload
PWMMode
TPS62060
www.ti.com
SLVSA95 – MARCH 2010
Figure 22. Power Save Mode Operation with automatic Mode transition
100% Duty Cycle Low Dropout Operation
The device starts to enter 100% duty cycle mode as the input voltage comes close to the nominal output voltage.
In order to maintain the output voltage, the High-Side MOSFET switch is turned on 100% for one or more cycles.
With further decreasing VIN the High-Side MOSFET switch is turned on completely. In this case the converter
offers a low input-to-output voltage difference. This is particularly useful in battery-powered applications to
achieve longest operation time by taking full advantage of the whole battery voltage range.
The minimum input voltage to maintain regulation depends on the load current and output voltage, and can be
calculated as:
VINmin = VOmax + IOmax × (RDS(on)max + RL)
With:
IOmax = maximum output current
RDS(on)max = maximum P-channel switch RDS(on).
RL = DC resistance of the inductor
VOmax = nominal output voltage plus maximum output voltage tolerance
Undervoltage Lockout
The under voltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery. It disables the output stage of the converter once the falling VIN trips the
under-voltage lockout threshold VUVLO. The under-voltage lockout threshold VUVLO for falling VIN is typically
1.78V. The device starts operation once the rising VIN trips under-voltage lockout threshold VUVLO again at
typically 1.95V.
Output Capacitor Discharge.
With EN = GND, the devices enter shutdown mode and all internal circuits are disabled. The SW pin is
connected to PGND via an internal resistor to discharge the output capacitor.
MODE SELECTION
The MODE pin allows mode selection between forced PWM mode and Power Save Mode.
Connecting this pin to GND enables the Power Save Mode with automatic transition between PWM and PFM
mode. Pulling the MODE pin high forces the converter to operate in fixed frequency PWM mode even at light
load currents. This allows simple filtering of the switching frequency for noise sensitive applications. In this mode,
the efficiency is lower compared to the power save mode during light loads.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPS62060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com