Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3123F Datasheet(PDF) 7 Page - Rohm

Part # BA3123F
Description  Ground Isolation Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3123F Datasheet(HTML) 7 Page - Rohm

  BA3123F Datasheet HTML 1Page - Rohm BA3123F Datasheet HTML 2Page - Rohm BA3123F Datasheet HTML 3Page - Rohm BA3123F Datasheet HTML 4Page - Rohm BA3123F Datasheet HTML 5Page - Rohm BA3123F Datasheet HTML 6Page - Rohm BA3123F Datasheet HTML 7Page - Rohm BA3123F Datasheet HTML 8Page - Rohm BA3123F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical Note
7/8
BA3121F, BA3123F
www.rohm.com
2009.08 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Applications
Fig.16
●Cautions on use
(1) Numbers and data in entries are representative design values and are not guaranteed values of the items.
(2) Although we are confident in recommending the sample application circuits, carefully check their characteristics further
when using them.
When modifying externally attached component constants before use, determine them so that they
have sufficient margins by taking into account variations in externally attached components and the Rohm LSI, not only
for static characteristics but also including transient characteristics.
(3) Absolute maximum ratings
If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be
damaged.
Do not apply voltages or temperatures that exceed the absolute maximum ratings.
If you think of a case in
which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how
not to apply the conditions under which absolute maximum ratings are exceeded to the LSI.
(4) GND potential
Make the GND pin voltage such that it is the lowest voltage even when operating below it.
Actually confirm that the
voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena.
(5) Thermal design
Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in
actual states of use.
(6) Shorts between pins and misinstallation
When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the LSI.
If it
is misinstalled and the power is turned on, the LSI may be damaged.
It also may be damaged if it is shorted by a
foreign substance coming between pins of the LSI or between a pin and a power supply or a pin and a GND.
(7) Operation in strong magnetic fields
Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
(8) The capacitors of 2pin (Vm1), and 6pin (Vm2) should maintain the ratio of 2:1 for ripple removal characteristics.
Maintaining this ratio will not cause ripple removal rate to reduce significantly even if the capacitance reduces to a half.
(9) Setting the capacitor to the double or half will make the CMRR in the low range to +6dB or -6dB respectively (Fig. 10)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com