Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3474FV Datasheet(PDF) 3 Page - Rohm

Part # BA3474FV
Description  SILICON MONOLITHIC INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3474FV Datasheet(HTML) 3 Page - Rohm

  BA3474FV Datasheet HTML 1Page - Rohm BA3474FV Datasheet HTML 2Page - Rohm BA3474FV Datasheet HTML 3Page - Rohm BA3474FV Datasheet HTML 4Page - Rohm BA3474FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. D
F:SOP14
FV:SSOP-B14
BA3474FV(SSOP-B14) (Unit:[mm])
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUT1 -IN1 +IN1 VCC +IN2 -IN2 OUT2
OUT4 -IN4 +IN4 VEE +IN3 -IN3 OUT3
CH4
-
+
CH3
-
+
CH1
+
-
CH2
+
-
BA3474F(SOP14) (Unit:[mm])
○
Physical Dimensions
○Block diagram
○Pin No. ・Pin Name
○Application example
(1) Absolute maximum ratings
Absolute maximum ratings are the values which indicate the limits,
within which the given voltage range can be safely charged to the terminal.
However, it does not guarantee the circuit operation.
(2) The example of disabled circuit application
When there is a circuit not in use, it is recommended to make the
non-inverting input terminal be the potential in the common-mode
input voltage range like in Fig.1.
Circuit operation is guaranteed within “Operating Conditions”.
(3) Applied voltage to the input terminal
For normal circuit operation of comparator, please input
voltage for its
input terminal within input common mode voltage VCC-1.5[V].
Then, regardless of power supply voltage,VEE+36[V] can be applied to input
terminals without deterioration or destruction of its characteristics.
(4) Operating power supply (split power supply/single power supply)
The OP-Amp operates if a given level of voltage is applied between VCC and
VEE. Therefore, the OP-Amp can be operated under single power supply or
split power supply.
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VCC
5
+IN2
6
-IN2
7
OUT2
8
OUT3
9
-IN3
10
+IN3
11
VEE
12
+IN4
13
-IN4
14
OUT4
+
-
VCC
co nne ct
to Vi cm
VE E
Fig.1 The example of
disabled circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com