Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558F Datasheet(PDF) 21 Page - Rohm

Part # BA4558F
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558F Datasheet(HTML) 21 Page - Rohm

Back Button BA4558F Datasheet HTML 17Page - Rohm BA4558F Datasheet HTML 18Page - Rohm BA4558F Datasheet HTML 19Page - Rohm BA4558F Datasheet HTML 20Page - Rohm BA4558F Datasheet HTML 21Page - Rohm BA4558F Datasheet HTML 22Page - Rohm BA4558F Datasheet HTML 23Page - Rohm BA4558F Datasheet HTML 24Page - Rohm BA4558F Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
21/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
0
5
10
15
20
25
30
0.1
1
10
LOAD RESISTANCE [kΩ]
○
BA15532 family
(*) The above data is ability value of sample, it is not guaranteed.
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
.
Maximum Output Voltage Swing
– Load Resistance
(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
0
100
200
300
400
500
600
700
800
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
-6
-4
-2
0
2
4
6
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
0.0
4.0
8.0
12.0
16.0
20.0
0
5
10
15
20
25
30
35
40
SUPPLY VOLTAGE [V]
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-20
-15
-10
-5
0
5
10
15
20
0.1
1
10
LOAD RESISTANCE [kΩ]
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA15532 family
-20℃
75℃
25℃
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
BA15532 family
25℃
75℃
BA15532 family
±3V
±15V
±20V
BA15532 family
±20V
±15V
±3V
BA15532 family
VOH
BA15532F
BA15532 family
25℃
75℃
BA15532 family
-20℃
0.0
4.0
8.0
12.0
16.0
20.0
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
±2 V
±20V
±15 V
-20
-15
-10
-5
0
5
10
15
20
±0
±4
±8
±12
±16
±20
±24
SUPPLY VOLTAGE [V]
VOH
BA15532 family
VOH
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
OUTPUT CURRENT [mA]
BA15532 family
VOL
VOL
VOL
VOL
VOH
-20℃
BA15532 family
BA15532 family
BA15532 family
Input Offset Voltage – Supply Voltage
(Vicm=0[V],Vout=0[V])
Derating Curve
Input Offset Voltage – Ambient Temperature
(Vicm=0[V],Vout=0[V])
Input Bias Current – Ambient Temperature
(Vicm=0[V],Vout=0[V])
Input Bias Current – Supply Voltage
(Vicm=0[V],Vout=0[V])
Maximum Output Voltage– Load
Resistance(VCC/VEE=+15[V]/-15[V],Ta=25[℃
])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Maximum Output Voltage– Supply
Voltage(RL=2[kΩ],Ta=25[℃])
Maximum Output Voltage– Ambient
Temperature(VCC/VEE=+15[V]/-15[V],RL=2[kΩ])
Maximum Output Voltage– Output
Current(VCC/VEE=+15[V]/-15[V],Ta=25[℃])
Fig. 155
Fig. 156
Fig. 157
Fig. 158
Fig. 159
Fig. 160
Fig. 161
Fig. 162
Fig. 163
Fig. 164
Fig. 165
Fig. 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com