Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558RF Datasheet(PDF) 3 Page - Rohm

Part # BA4558RF
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RF Datasheet(HTML) 3 Page - Rohm

  BA4558RF Datasheet HTML 1Page - Rohm BA4558RF Datasheet HTML 2Page - Rohm BA4558RF Datasheet HTML 3Page - Rohm BA4558RF Datasheet HTML 4Page - Rohm BA4558RF Datasheet HTML 5Page - Rohm BA4558RF Datasheet HTML 6Page - Rohm BA4558RF Datasheet HTML 7Page - Rohm BA4558RF Datasheet HTML 8Page - Rohm BA4558RF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
3/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical characteristics
○
BA4558R/BA4560R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Full range -40[℃]~+105[℃])
(*4)
Absolute value
(*5)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
●
Electrical characteristics
○
BA4580R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA4580R family
Min.
Typ.
Max.
Input Offset Voltage (*6)
Vio
25℃
-
0.3
3
mV
Rs≦10[kΩ]
Input Offset Current (*6)
Iio
25℃
-
5
200
nA
-
Input Bias Current (*7)
Ib
25℃
-
100
500
nA
-
Large Single Voltage Gain
AV
25℃
90
110
-
dB
RL≧10[kΩ],VOUT=±10[V]
Maximum Output Voltage
VOM
25℃
±12
±13.5
-
V
RL≧2[kΩ]
Input Common-mode
Voltage Range
Vicm
25℃
±12
±13.5
-
V
-
Common-mode Rejection Ratio CMRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
6
9
mA
RL=∞ All Op-Amps,VIN+=0[V]
Slew Rate
SR
25℃
-
5
-
V/μsRL≧2[kΩ]
Unity Gain Frequency
ft
25℃
-
5
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.0005
-
%
Av=20[dB],VOUT=5[Vrms],RL=2[kΩ]
f=1[kHz],20[Hz]~20[kHz] BPF
Input Referred Noise Voltage
Vni
25℃
-
0.8
-
μVrms RIAA,Rs=2.2 [kΩ],30[kHz] LPF
(*6)
Absolute value
(*7)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA4558R family
BA4560R family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*4)
Vio
25℃
-
0.5
6
-
0.5
6
mV
VOUT=0[V]
Full range
-
-
7
-
-
7
Input Offset Current (*4)
Iio
25℃
-
5
200
-
5
200
nA
VOUT=0[V]
Full range
-
-
200
-
-
200
Input Bias Current (*5)
Ib
25℃
-
60
500
-
50
500
nA
VOUT=0[V]
Full range
-
-
800
-
-
800
Supply Current
ICC
25℃
-
3
6
-
3
7
mA
RL=∞ All Op-Amps
VIN+=0[V]
Full range
-
-
6.5
-
-
7.5
Maximum Output Voltage
VOM
25℃
±10
±13
-
±12
±14
-
V
RL≧2[kΩ]
Full range
±10
-
-
-
-
-
25℃
-
-
-
±10
±11.5
-
Io=25[mA]
±12
±14
-
-
-
-
RL≧10[kΩ]
Large Single Voltage Gain
AV
25℃
86
100
-
86
100
-
dB
RL≧2[kΩ],VO=±10[V],
Vicm=0[V]
Full range
83
-
-
83
-
-
Input Common-mode
Voltage Range
Vicm
25℃
±12
±14
-
±12
±14
-
V
VOUT=±12[V]
Full range
±12
-
-
±12
-
-
Common-mode
Rejection Ratio
CMRR
25℃
70
90
-
70
90
-
dB
VOUT=±12[V]
Power Supply
Rejection Ratio
PSRR
25℃
76.5
90
-
76.5
90
-
dB
Ri≦10[kΩ]
Channel Separation
CS
25℃
-
105
-
-
105
-
dB
f=1[kHz]
Slew Rate
SR
25℃
-
1
-
-
4
-
V/μs
AV=0[dB],RL=10[kΩ]
CL=100[pF]
Unity Gain Frequency
ft
25℃
-
2
-
-
4
-
MHz
RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.005
-
-
0.003
-
%
AV=20[dB],RL=10[kΩ]
VOUT=5[Vrms],f=1[kHz]
Input Referred
Noise Voltage
Vn
25℃
-
12
-
-
8
-
Hz
nV/
RS=100[Ω],Vi=0[V]
,f=1[kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com