Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4558RFVM Datasheet(PDF) 2 Page - Rohm

Part # BA4558RFVM
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4558RFVM Datasheet(HTML) 2 Page - Rohm

  BA4558RFVM Datasheet HTML 1Page - Rohm BA4558RFVM Datasheet HTML 2Page - Rohm BA4558RFVM Datasheet HTML 3Page - Rohm BA4558RFVM Datasheet HTML 4Page - Rohm BA4558RFVM Datasheet HTML 5Page - Rohm BA4558RFVM Datasheet HTML 6Page - Rohm BA4558RFVM Datasheet HTML 7Page - Rohm BA4558RFVM Datasheet HTML 8Page - Rohm BA4558RFVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
2/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Absolute maximum rating (Ta=25[℃])
○
BA4558/BA4560 family,BA4558R/BA4560R/BA4580R family
Parameter
Symbol
Rating
Unit
BA4558
family
BA4560
family
BA4558R
family
BA4560R
family
BA4580R
family
Supply Voltage
VCC-VEE
+36
V
Differential
Input Voltage
(*1)
Vid
(VCC-VEE)
36
V
Input Common-mode
voltage range
Vicm
VEE~VCC
(VEE-0.3)~VEE+36
V
Operating Supply
Voltage
Vopr
8~30 (±4~±15)
8~30 (±4~±15)
4~32(±2~±16)
V
Output Current
Io
-
-
±50
mA
Operating Temperature
Topr
-40~+85
-40~+105
℃
Storage Temperature
Tstg
-55~+125
-55~+150
℃
Maximum Junction
Temperature
Tjmax
+125
+150
℃
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absoluted maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more then VEE.
●
Electrical characteristics
○
BA4558/BA4560 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA4558 family
BA4560 family
Min.
Typ. Max. Min.
Typ.
Max.
Input Offset Voltage
(*2)
Vio
25℃
-
0.5
6
-
0.5
6
mV
Rs≦10[kΩ]
Input Offset Current
(*2)
Iio
25℃
-
5
200
-
5
200
nA
-
Input Bias Current
(*3)
Ib
25℃
-
60
500
-
50
500
nA
-
Supply Current
ICC
25℃
-
3
6
-
4
7.5
mA
RL=∞ All Op-Amps
Maximum Output Voltage
VOM
25℃
±12
±14
-
±12
±14
-
V
RL≧10[kΩ]
±10
±13
-
±10
±13
-
RL≧2[kΩ]
Large Single Voltage Gain
AV
25℃
86
100
-
86
100
-
dB
RL≧2[kΩ],VOUT=±10[V]
Input Common-mode
Voltage Range
Vicm
25℃
±12
±14
-
±12
±14
-
V
-
Common-mode
Rejection Ratio
CMRR
25℃
70
90
-
70
90
-
dB
Rs≦10[kΩ]
Power Supply Rejection
Ratio
PSRR
25℃
76.3
90
-
76.3
90
150
dB
Rs≦10[kΩ]
Channel Separation
CS
25℃
-
105
-
-
-
-
dB
f=1[kHz] Input referred
Slew Rate
SR
25℃
-
1.0
-
-
4
-
V/μs AV=0[dB],RL≧2[kΩ]
Gain Bandwidth Product
GBW
25℃
-
-
-
-
10
-
MHz f=10[kHz]
Input Referred
Noise Voltage
Vn
25℃
-
-
-
-
-
2.2
μV
Rs=2.2[kΩ],
BW=10[Hz]~30[kHz],RIAA
(*2)
Absolute value
(*3)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com