Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4580RF Datasheet(PDF) 30 Page - Rohm

Part # BA4580RF
Description  Operational Amplifiers: Low Noise
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580RF Datasheet(HTML) 30 Page - Rohm

Back Button BA4580RF Datasheet HTML 26Page - Rohm BA4580RF Datasheet HTML 27Page - Rohm BA4580RF Datasheet HTML 28Page - Rohm BA4580RF Datasheet HTML 29Page - Rohm BA4580RF Datasheet HTML 30Page - Rohm BA4580RF Datasheet HTML 31Page - Rohm BA4580RF Datasheet HTML 32Page - Rohm BA4580RF Datasheet HTML 33Page - Rohm BA4580RF Datasheet HTML 34Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
30/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Fig. 233 Derating curve
0
50
75
100
125
150
25
P1
P2
Pd(max)
LSIの消費電力[W]
θja2
θja1
Tj(max)
θja2 < θja1
周囲温度Ta[℃]
θja2
θja1
Tj(max)
’
’
’
Power dissipation of LSI [W]
Ambient temperature Ta [℃]
(b) Derating curve
●
Derating curve
Power dissipation (total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature).IC is heated when
it consumed power, and the temperature of IC ship becomes higher than ambient temperature. The temperature that can be
accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited. Power dissipation
is determined by the temperature allowed in IC chip (maximum junction temperature) and thermal resistance of package (heat
dissipation capability). The maximum junction temperature is typically equal to the maximum value in the storage temperature
range. Heat generated by consumed power of IC radiates from the mold resin or lead frame of the package. The parameter which
indicates this heat dissipation capability (hardness of heat release) is called thermal resistance, represented by the symbol θj-a[℃
/W]. The temperature of IC inside the package can be estimated by this thermal resistance. Fig.232 (a) shows the model of thermal
resistance of the package. Thermal resistance θja, ambient temperature Ta, junction temperature Tj, and power dissipation Pd can
be calculated by the equation below :
θja = (Tj-Ta) / Pd
[℃/W]
・・・・・
(Ⅰ)
Derating curve in Fig.232 (b) indicates power that can be consumed by IC with reference to ambient temperature. Power that can
be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate at certain
ambient temperature. This gradient, is determined by thermal resistance θja. Thermal resistance θja depends on chip size, power
consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of package is used.
Thermal reduction curve indicates a reference value measured at a specified condition. Fig.233(a), (b) ,(c) ,(d) show a derating
curve for an example of BA4558, BA4560, BA4558R, BA4560R, BA4580R, BA15218, BA14741, BA15532, BA4510, BA2115.
(*25)
(*26)
(*27)
(*28)
(*29)
Unit
6.2
5.5
4.7
6.2
4.9
[mW/℃]
When using the unit above Ta=25[℃], subtract the value above per degree[℃]. Permissible dissipation is the value
when FR4 glass epoxy board 70[mm]×70[mm]×1.6[mm] (cooper foil area below 3[%]) is mounted.
0
200
400
600
800
1000
0
255075
100
125
150
周囲温度 Ta [℃]
BA4558RF
BA4560RF
BA4580RF BA4558RFV
BA4560RFV
BA4580RFV
BA4558RFVM
BA4560RFVM
BA4580RFVM
780mW( *1)
690mW( *2)
590mW (*3)
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta [℃]
BA4558F
BA4560F
BA15218F
BA15532F
BA14741F
620mW (*4)
490mW (*5)
0
200
400
600
800
1000
0
25
50
75
100
125
周囲温度 Ta [℃]
BA4510F
BA4510FV
620mW( *1)
550mW (*2)
(a) BA4510ファミリ
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度 Ta [℃]
BA2115F
BA2115FVM
780mW (*3)
590mW (*4)
(b) BA2115ファミリ
(a)BA4558R/BA4560R/BA4580R family
(b)BA4558/BA4560/BA15218/BA14741/BA15532 family
(c)BA4510 family
(d)BA2115 family
Ambient temperature [℃]
Ambient temperature [℃]
Ambient temperature [℃]
Ambient temperature [℃]
(a) Thermal resistance
Fig. 232
Thermal resistance and derating curve
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
θja = ( Tj ーTa ) / Pd [℃/W]
Ambient temperature Ta [℃]
Chip surface temperature Tj [℃]
Power dissipation P [W]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com