Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTC90DAM60CT1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTC90DAM60CT1G
Description  Boost chopper Super Junction MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC90DAM60CT1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTC90DAM60CT1G Datasheet HTML 1Page - Microsemi Corporation APTC90DAM60CT1G Datasheet HTML 2Page - Microsemi Corporation APTC90DAM60CT1G Datasheet HTML 3Page - Microsemi Corporation APTC90DAM60CT1G Datasheet HTML 4Page - Microsemi Corporation APTC90DAM60CT1G Datasheet HTML 5Page - Microsemi Corporation APTC90DAM60CT1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTC90DAM60CT1G
www.microsemi.com
5 – 6
Hard
switching
ZCS
ZVS
0
100
200
300
400
20
25
30
35
40
45
50
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=600V
D=50%
RG=3.8Ω
TJ=125°C
TC=75°C
Switching Energy vs Current
Eon
Eoff
0
1
2
3
4
10
20
30
40
50
60
70
80
ID, Drain Current (A)
VDS=600V
RG=3.8Ω
TJ=125°C
L=100µH
ON resistance vs Temperature
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Switching Energy vs Gate Resistance
Eon
Eoff
0
1
2
3
4
5
6
0
5
10
15
20
Gate Resistance (Ohms)
VDS=600V
ID=52A
TJ=125°C
L=100µH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com