Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7623F Datasheet(PDF) 7 Page - Rohm

Part # BA7623F
Description  Standard 3-output Video Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7623F Datasheet(HTML) 7 Page - Rohm

Back Button BA7623F Datasheet HTML 3Page - Rohm BA7623F Datasheet HTML 4Page - Rohm BA7623F Datasheet HTML 5Page - Rohm BA7623F Datasheet HTML 6Page - Rohm BA7623F Datasheet HTML 7Page - Rohm BA7623F Datasheet HTML 8Page - Rohm BA7623F Datasheet HTML 9Page - Rohm BA7623F Datasheet HTML 10Page - Rohm BA7623F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BA7622F, BA7623F
Technical Note
7/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Pin
No.
Pin
name
IN
OUT
Typical
voltage
Equivalent Circuit
Function
5
VCC
○
―
5.0V
Vcc terminal
6
OUT3
―
○
2.0V
Video driver output
(Bias input)
Outputs a chroma signal.
When output is forced to
ground, the protection
circuit activates power
save mode.
7
OUT2
―
○
0.6V
Video driver output pin
(Clamp input)
Outputs a video signal or
Y/C separated Y signal
When output is forced to
ground, the protection
circuit activates power
save mode.
8
OUT1
―
○
0.6V
Video driver output pin
(Clamp input)
Outputs a video signal or
Y/C separated Y signal
When output is forced to
ground, the protection
circuit activates power
save mode.
VCC
VCC
Vcc
Q4
20K
OUT1~ 3
Q3
Q1
Q2
Q5
Vcc
Q4
20K
OUT1~ 3
Q3
Q1
Q2
Q5
Vcc
Q4
20K
OUT1~ 3
Q3
Q1
Q2
Q5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com