Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7607F Datasheet(PDF) 7 Page - Rohm

Part # BA7607F
Description  Triple Circuits Video Signal Switchers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7607F Datasheet(HTML) 7 Page - Rohm

  BA7607F Datasheet HTML 1Page - Rohm BA7607F Datasheet HTML 2Page - Rohm BA7607F Datasheet HTML 3Page - Rohm BA7607F Datasheet HTML 4Page - Rohm BA7607F Datasheet HTML 5Page - Rohm BA7607F Datasheet HTML 6Page - Rohm BA7607F Datasheet HTML 7Page - Rohm BA7607F Datasheet HTML 8Page - Rohm BA7607F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/8
●Reference data
●Selection of order type
0
5
10
15
20
25
30
4
567
SUPPLY VOLTAGE : Vcc (V)
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.1
1
10
100
FREQUENCY : f (MHz)
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.1
1
10
100
FREQUENCY : f (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
FREQUENCY (MHz)
BA7603F
Fig.8 Circuit current vs. Supply voltage
Fig.9 Frequency characteristics vs.
Supply voltage
Fig.10 Frequency characteristics
vs. temperature
Fig.11 Interchannel crosstalk
Fig.12 Switching characteristics1
Fig.13 Switching characteristics2
Vcc=5.0V
Ta=-30℃
Ta=25℃
Ta=90℃
Ta=25℃
Vcc=5.0V
Vcc=6.0V
Vcc=4.0V
Vcc=5.0V
BA7603F
BA7603F
BA7606F
BA7606F
BA7606F
Ta=25℃
Ta=-30℃
Ta=90℃
Vcc=5.0V, Ta=25℃
0.2 0.3 0.5
2
3
5
OUTa (3pin)
500mV/DIV
CTLa (2pin)
2V/DIV
20nsec/DIV
Vcc=5.0V, Ta=25℃
INPUT IN2a(1pin) f=1MHz,1Vpp
INPUT IN2a(1pin) f=1MHz,1Vpp
Vcc=5.0V, Ta=25℃
OUTa (3pin)
500mV/DIV
CTLa (2pin)
2V/DIV
20nsec/DIV
OFF→ON
ON→OFF
B
A
7
6
0
2
Part. No
F
E
2
Tape and Reel information
BA7602F
BA7603F
BA7606F/FS
BA7607F
BA7609F
BA7627FV
BA7602F
BA7603F
BA7606F/FS
BA7607F
BA7609F
BA7627FV
E2
E2
E2
E2
E2
E2
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
Reel
<Tape and Reel information>
E2
1Pin
SOP16
(Unit:mm)
<Dimension>
0.15
±0.1
0.4
±0.1
1
16
10.0
±0.2
8
9
1.27
0.1
Direction of feed
※
When you order , please order in times the amount of package quantity.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com