Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7652AF Datasheet(PDF) 8 Page - Rohm

Part # BA7652AF
Description  Single Circuit Video Signal Switcher
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7652AF Datasheet(HTML) 8 Page - Rohm

Back Button BA7652AF Datasheet HTML 2Page - Rohm BA7652AF Datasheet HTML 3Page - Rohm BA7652AF Datasheet HTML 4Page - Rohm BA7652AF Datasheet HTML 5Page - Rohm BA7652AF Datasheet HTML 6Page - Rohm BA7652AF Datasheet HTML 7Page - Rohm BA7652AF Datasheet HTML 8Page - Rohm BA7652AF Datasheet HTML 9Page - Rohm BA7652AF Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/8
10. The BA7653AF/53AFV/52AF is a 3-input, 1-output switch. If it is used as a 2-input, 1-output switch, by leaving one input
Open and unused, the Open input pin will oscillate.
However, this does not affect other pins and is not particularly a
problem for operation. If necessary, connect the input pin to GND via a capacitor or connect the input pin directly to VCC
to stop oscillation.
11. CTL pin is in indeterminate status when left Open. Set it at “H” or “L” level.
12. For superimposed, a 1.7v DC voltage should be applied directly to an input pin.
7
6
5
4
Part No.
2
Tape and Reel information
BA7654F
When you order , please order in times the amount of package quantity.
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
<Tape and Reel information>
E2
Reel
1Pin
SOP8
(Unit:mm)
<Dimension>
0.15
±0.1
0.4
±0.1
5.0
±0.2
85
4
1
1.27
0.1
BA7653AF/AFV
BA7652AF
SSOP-B8
5
4
8
1
3.0
±0.2
0.22
±0.1
0.65
(0.52)
0.15
±0.1
0.1
When you order , please order in times the amount of package quantity.
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
<Tape and Reel information>
E2
Reel
1Pin
<Dimension>



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com