Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7657S Datasheet(PDF) 7 Page - Rohm

Part # BA7657S
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657S Datasheet(HTML) 7 Page - Rohm

Back Button BA7657S Datasheet HTML 3Page - Rohm BA7657S Datasheet HTML 4Page - Rohm BA7657S Datasheet HTML 5Page - Rohm BA7657S Datasheet HTML 6Page - Rohm BA7657S Datasheet HTML 7Page - Rohm BA7657S Datasheet HTML 8Page - Rohm BA7657S Datasheet HTML 9Page - Rohm BA7657S Datasheet HTML 10Page - Rohm BA7657S Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
●Description of operations
BA7657S/F
1) Analog SW block
Two channels of RGB signals can be switched.
I/O relations
IN1 can be selected when high-level voltage is applied to
the CTL pin, and IN2 can be selected when low level
voltage is applied.
2) Digital SW block
This block switches between two channels of HD and VD
synchronization signals.
HD and VD synchronization signals are output for IN1 when
high-level voltage is applied to the CTL pin, and these signals
are output for IN2 when a low-level voltage is applied to the
CTL pin.
3) Synchronization signal separation block
This block separates composite signals (Sync on Green) and synchronization signals and outputs positive-electrode
composite synchronization signals.
When an HD signal is being input, the synchronization signal detector operates and stops the synchronization signal
separation circuit. A low-level output voltage is used for output.
The time at which the synchronization signal separation circuit will be stopped can be set using external time constants
for the circuit detection pin.
●Application circuit
BA7657S/F
Fig.2
Input
Output
HD
VD
Sync on Green
HD
VD
Composite Sync
-
-
○
-
-
○
○
-
○
○
-
-
-
○
○
-
○
○
○
○
○
○
○
-
○
-
-
○
-
-
-
○
-
-
○
-
○
○
-
○
○
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com