Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BH7659FS Datasheet(PDF) 9 Page - Rohm

Part # BH7659FS
Description  Broadband Triple Circuits Video Signal Switchers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7659FS Datasheet(HTML) 9 Page - Rohm

Back Button BH7659FS Datasheet HTML 5Page - Rohm BH7659FS Datasheet HTML 6Page - Rohm BH7659FS Datasheet HTML 7Page - Rohm BH7659FS Datasheet HTML 8Page - Rohm BH7659FS Datasheet HTML 9Page - Rohm BH7659FS Datasheet HTML 10Page - Rohm BH7659FS Datasheet HTML 11Page - Rohm BH7659FS Datasheet HTML 12Page - Rohm BH7659FS Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/16
●Electrical characteristics
BH7659FS
(
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
●Guaranteed design parameters
BH7659FS
(
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
〈
Entire device〉
Circuit current
ICC
15
25
35
mA
-
Circuit current during power
save
IPSV
7
14
22
mA
PS=”H”
〈
R,G,B video SW〉
Voltage gain
GV
-1.0
-0.5
0
dB
f=10MHz
Interchannel relative gain
△
GVC
-0.5
0
0.5
dB
f=10MHz
Interblock relative gain
△
GVB
-0.5
0
0.5
dB
f=10MHz
Output dynamic range
VOM
2.6
-
-
VP-P
f=1kHz
〈
C-MOS analog SW〉
On-resistance
RON
-
200
400
Ω
VIN=2.5V
Interchannel ON resistance
differential
△
RON
-
20
40
Ω
VIN=2.5V
Interchannel cross talk
CT
-
-70
-55
dB
f=150kHz
Transmission delay time
tD
-
20
-
ns
RL=100Ω,CL=50pF
〈
Control block〉
“H” level voltage
VH
3.5
-
-
V
-
“L” level voltage
VL
-
-
1.5
V
-
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
〈
R/G/B video SW〉
Frequency characteristics 1
f1
-3.0
0
+1.0
dB
f=50MHz
Frequency characteristics 2
f2
-6.0
-3
-1.0
dB
f=250MHz
Interchannel relative frequency
characteristics
△
fC
-0.5
0
0.5
dB
f=50MHz
Interblock relative frequency
characteristics
△
fB
-0.5
0
0.5
dB
f=50MHz
Interchannel cross talk 1
CTC1
-
-50
-35
dB
f=50kHz
Interchannel cross talk 2
CTC2
-
-30
-15
dB
f=250MHz
Interblock cross talk 1
CTB1
-
-50
-35
dB
f=50MHz
Interblock cross talk 2
CTB2
-
-30
-15
dB
f=250MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com