Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTDC30H1201G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTDC30H1201G
Description  SiC Diode Full Bridge Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTDC30H1201G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTDC30H1201G Datasheet HTML 1Page - Microsemi Corporation APTDC30H1201G Datasheet HTML 2Page - Microsemi Corporation APTDC30H1201G Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APTDC30H1201G
www.microsemi.com
1- 3
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
IF(AV)
Maximum Average Forward Current
Duty cycle = 50%
TC = 80°C
30
IFSM
Non-Repetitive Forward Surge Current
10 µs
TC = 25°C
370
A
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
5
3
6
CR2
CR1
1
2
4
CR4
CR3
10
8
79
All multiple inputs and outputs must be shorted together
3/4 ; 5/6 ; 7/8 ; 1/2 ; 9/10
VRRM = 1200V
IF = 30A @ Tc = 80°C
Application
•
Uninterruptible Power Supply (UPS)
•
Induction heating
•
Welding equipment
•
High speed rectifiers
Features
•
SiC Schottky Diode
-
Zero reverse recovery
-
Zero forward recovery
-
Temperature Independent switching behavior
-
Positive temperature coefficient on VF
•
Very low stray inductance
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Low losses
•
Low noise switching
•
Solderable terminals for easy PCB mounting
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
RoHS Compliant
SiC Diode Full Bridge
Power Module


Similar Part No. - APTDC30H1201G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTDC30H601G MICROSEMI-APTDC30H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
More results

Similar Description - APTDC30H1201G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT10DC60HJ MICROSEMI-APT10DC60HJ Datasheet
77Kb / 3P
ISOTOP SiC Diode Full Bridge Power Module
APT30DC120HJ MICROSEMI-APT30DC120HJ Datasheet
75Kb / 3P
ISOTOP SiC Diode Full Bridge Power Module
APTDC10H601G MICROSEMI-APTDC10H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC10H1201G MICROSEMI-APTDC10H1201G Datasheet
110Kb / 3P
SiC Diode Full Bridge Power Module
APTDC20H601G MICROSEMI-APTDC20H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC20H1201G MICROSEMI-APTDC20H1201G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC30H601G MICROSEMI-APTDC30H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC40H601G MICROSEMI-APTDC40H601G Datasheet
111Kb / 3P
SiC Diode Full Bridge Power Module
APTDC40H1201G MICROSEMI-APTDC40H1201G Datasheet
110Kb / 3P
SiC Diode Full Bridge Power Module
logo
DACO SEMICONDUCTOR CO.,...
CSRI4X25-120L1B DACO-CSRI4X25-120L1B Datasheet
410Kb / 4P
SiC Schottky Diode Full Bridge Power Module
Feb 2023 Rev 1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com