Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA00JC5W Datasheet(PDF) 9 Page - Rohm

Part # BA00JC5W
Description  1.5A Secondary LDO Regulators for Local Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00JC5W Datasheet(HTML) 9 Page - Rohm

Back Button BA00JC5W Datasheet HTML 2Page - Rohm BA00JC5W Datasheet HTML 3Page - Rohm BA00JC5W Datasheet HTML 4Page - Rohm BA00JC5W Datasheet HTML 5Page - Rohm BA00JC5W Datasheet HTML 6Page - Rohm BA00JC5W Datasheet HTML 7Page - Rohm BA00JC5W Datasheet HTML 8Page - Rohm BA00JC5W Datasheet HTML 9Page - Rohm BA00JC5W Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BA□□JC5 Series,BA00JC5W Series
Technical Note
9/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
(Unit : mm)
TO220FP-5(V5)
7.0
10.0
1.778
123 4 5
1.2
0.8
φ3.2±0.1
+ 0.3
− 0.1
+ 0.3
− 0.1
2.8
4.5
0.5
±0.1
−0.1
+0.2
+0.3
−0.1
(2.85)
4.25
8.15
∗Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Tube
Container
Quantity
Direction of feed
500pcs
Direction of products is fixed in a container tube



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com