Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2L358CDFP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # R5F2L358CDFP
Description  RENESAS MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CDFP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button R5F2L358CDFP Datasheet HTML 37Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 38Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 39Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 40Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 41Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 42Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 43Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 44Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
REJ03B0293-0020 Rev.0.20
Mar 12, 2010
Page 39 of 72
Under development
Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
4. Special Function Registers (SFRs)
Table 4.11
SFR Information (11) (1)
X: Undefined
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
After Reset
0280h
LCD Display Control Data Register
LRA16H
XXh
0281h
LRA17H
XXh
0282h
LRA18H
XXh
0283h
LRA19H
XXh
0284h
LRA20H
XXh
0285h
LRA21H
XXh
0286h
LRA22H
XXh
0287h
LRA23H
XXh
0288h
LRA24H
XXh
0289h
LRA25H
XXh
028Ah
LRA26H
XXh
028Bh
LRA27H
XXh
028Ch
LRA28H
XXh
028Dh
LRA29H
XXh
028Eh
LRA30H
XXh
028Fh
LRA31H
XXh
0290h
LRA32H
XXh
0291h
LRA33H
XXh
0292h
LRA34H
XXh
0293h
LRA35H
XXh
0294h
LRA36H
XXh
0295h
LRA37H
XXh
0296h
LRA38H
XXh
0297h
LRA39H
XXh
0298h
LRA40H
XXh
0299h
LRA41H
XXh
029Ah
LRA42H
XXh
029Bh
LRA43H
XXh
029Ch
LRA44H
XXh
029Dh
LRA45H
XXh
029Eh
LRA46H
XXh
029Fh
LRA47H
XXh
02A0h
LRA48H
XXh
02A1h
LRA49H
XXh
02A2h
LRA50H
XXh
02A3h
LRA51H
XXh
02A4h
LRA52H
XXh
02A5h
LRA53H
XXh
02A6h
LRA54H
XXh
02A7h
LRA55H
XXh
02A8h
LRA56H
XXh
02A9h
LRA57H
XXh
02AAh
LRA58H
XXh
02ABh
LRA59H
XXh
02ACh
LRA60H
XXh
02ADh
LRA61H
XXh
02AEh
LRA62H
XXh
02AFh
LRA63H
XXh
02B0h
LRA64H
XXh
02B1h
LRA65H
XXh
02B2h
LRA66H
XXh
02B3h
LRA67H
XXh
02B4h
LRA68H
XXh
02B5h
LRA69H
XXh
02B6h
LRA70H
XXh
02B7h
LRA71H
XXh
02B8h
LRA72H
XXh
02B9h
LRA73H
XXh
02BAh
LRA74H
XXh
02BBh
LRA75H
XXh
02BCh
LRA76H
XXh
02BDh
LRA77H
XXh
02BEh
LRA78H
XXh
02BFh
LRA79H
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com