Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

555-8064 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 555-8064
Description  Surface mount power inductors, 7mm low profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

555-8064 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  555-8064 Datasheet HTML 1Page - CAMBION Electronic Components 555-8064 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Thursday, 20 February 2003
Page 2 of 2
TOLERANCE (Y)
Tolerance Code (Y)
Inductance Tolerance
Notes
J
± 5%
Made to order
K
± 10%
Made to order
M
± 20%
Standard
PACKAGING (ZZ)
-00
Loose Piece
Made to order
-36
Taped and Reeled
Standard - 1000 per reel
MATERIAL SPECIFICATIONS
Operating Temperature
-30°C to +100°C
Insulation resistance
Over 100M
Ω at 100 VDC between core and coil
Dielectric Strength
No dielectric breakdown at 100 VDC for 1 minute between core and coil
Temperature Characteristics
Inductance coefficient (0-2000) x 10
6/°C (-25 - 85°C)
Vibration resistance
Inductance deviation within ±5%, (After vibration for 1 hour in each of three
orientations with sweep vibration (10-55-10Hz) and 1.5mm P-P amplitude)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com