Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF200SK120D3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGF200SK120D3G
Description  Buck Chopper NPT IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF200SK120D3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGF200SK120D3G Datasheet HTML 1Page - Microsemi Corporation APTGF200SK120D3G Datasheet HTML 2Page - Microsemi Corporation APTGF200SK120D3G Datasheet HTML 3Page - Microsemi Corporation APTGF200SK120D3G Datasheet HTML 4Page - Microsemi Corporation APTGF200SK120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGF200SK120D3G
www.microsemi.com
4- 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
100
200
300
400
01
23
45
6
VCE (V)
Output Characteristics
VGE=15V
VGE=12V
VGE=20V
VGE=9V
0
100
200
300
400
01
2
3
4
5
6
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=125°C
0
100
200
300
400
5
6789
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Err
0
10
20
30
40
50
60
0
100
200
300
400
IC (A)
VCE = 600V
VGE = 15V
RG = 4.7 Ω
TJ = 125°C
Eon
Eoff
Err
0
20
40
60
80
100
0
5
10
15
20
25
30
35
Gate Resistance (ohms)
VCE = 600V
VGE =15V
IC = 200A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
100
200
300
400
500
0
300
600
900
1200
1500
VCE (V)
VGE=15V
TJ=125°C
RG=4.7 Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com