Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # BUT11
Description  NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

BUT11 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  BUT11 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUT11/11A
NPN
SILICON TRANSISTOR
HIGH VOLTAGE POWER
SWITCHING APPLICATIONS
TO-220
ABSOLUTE MAXIMUM RATINGS (Ta=25°c)
Characteristic
Symbol
Rating
Unit
Collector-Emitter Voltage:BUT11
:BUT11A
Collector-Emitter Voltage:BUT11
:BUT11A
Emitter-Base Voltage
Collector Current (DC)
Collector Current (Pulse)
Base Current (DC)
Base Current (Pulse)
Collector Dissipation (Tc=25°c)
Junction Temperature
Storage Temperature
VCES
VCEO
VEBO
IC
IC
IB
IB
PC
Tj
Tstg
850
1000
400
450
9
5
10
2
4
100
150
-65~150
V
V
V
V
V
A
A
A
A
W
°c
°c
ELECTRICAL CHARACTERISTICS (Ta=25°c)
Characterristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Emitter Sustaining Voltage
:BUT11
:BUTIIA
Collector Cutoff Current
:BUT11
:BUTIIA
Emitter Cutoff Current
Collector Emitter Saturation Voltage
:BUT11
:BUTIIA
Base- Emitter Saturation Voltage
:BUT11
:BUTIIA
Turn-On Time
Storage Time
Fall Time
VCEO(SUS)
ICES
IEBO
VCE(sat)
VBE(sat)
ton
tstg
tf
IC=100mA,
IB=0
VCE= 850V ,
VEB=
0
VCE= 1000V , VEB= 0
VEB= 9V ,
IC=0
IC=3A,
IB=0.6A
IC=2.5A,
IB=0.5A
IC=3A,
IB=0.6A
IC=2.5A,
IB=0.5A
VCC= 250V , IC=2.5A
IB1= IB2=0.5A
400
450
1
1
10
1.5
1.5
1.3
1.3
1
4
0.8
V
V
mA
mA
µA
V
V
V
V
µS
µS
µS
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Similar Part No. - BUT11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUT11 PHILIPS-BUT11 Datasheet
96Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Power Innovations Ltd
BUT11 POINN-BUT11 Datasheet
128Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUT11 TRSYS-BUT11 Datasheet
648Kb / 5P
NPN SILICON POWER TRANSISTOR
logo
Fairchild Semiconductor
BUT11 FAIRCHILD-BUT11 Datasheet
42Kb / 4P
High Voltage Power Switching Applications
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
More results

Similar Description - BUT11

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC5416LS WINGS-2SC5416LS Datasheet
65Kb / 1P
NPN SILICON TRANSISTOR(HIGH VOLTAGE POWER SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6095 SANYO-2SC6095 Datasheet
43Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1201 SANYO-SFT1201 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
SFT1202 SANYO-SFT1202 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3251 SANYO-CPH3251 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
CPH3252 SANYO-CPH3252 Datasheet
56Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com