Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB310K Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # DB310K
Description  BI-DIRECTIONAL TRIGGER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

DB310K Datasheet(HTML) 2 Page - Wing Shing Computer Components

  DB310K Datasheet HTML 1Page - Wing Shing Computer Components DB310K Datasheet HTML 2Page - Wing Shing Computer Components DB310K Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10K
500K
DIAC
0.1
F
VO
20
- v
I
B
+V
FIG-2 输出电压测试电路
V
BO
I
P
FIG-1 I - V 特性曲线
Current - voltage characterisitics
FIG-3 测试电路见图2
调整R IP=0.5A
Test circuit see diagram 2,Adjust R for I=0.5A
load up to 1500 watts
80
40
050
FIG -5 功耗环境温度关系曲线
最大值
FIG-4 典型DIAC-TRIAC 全波相控电路
Power dissipation versus ambiept temperature( maximum values)
Typical DIAC-TRIAC full-wave phase control
玻壳封装双向触发二极管特性曲线
玻壳封装双向触发二极管特性曲线
玻壳封装双向触发二极管特性曲线
玻壳封装双向触发二极管特性曲线
I --V
+IF
10mA
I
BO
Test circuit for output voltage
100
90%
10%
DIAC
50HZ
tr
100V
0.1
F
3.3k
200k
TRIAC
120V
0.5
V
BO
V
-IF
120
160
P
mW
Tamp (
3-2
WS
DB3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com