Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC15005 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # KBPC15005
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KBPC15005 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  KBPC15005 Datasheet HTML 1Page - Wing Shing Computer Components KBPC15005 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Metal case for Maximum Heat Dissipation
* Surge overload ratings-300 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Metal case, electrically isolated
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Plated .25"(6.35mm) Faston lugs, Solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 30 grams
* Low forward voltage drop
KBPC15005 KBPC1501 KBPC1502 KBPC1504 KBPC1506 KBPC1508 KBPC1510
PARAMETER
SYMBOL
MB1505
MB151
MB152
MB154
MB156
MB158
MB1510
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TC = 55℃
IO
15.0
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC Method)
IFSM
300
Amps
Maximum Forward Voltage Drop per element at 7.5A DC
VF
1.1
Volts
@TA = 25℃
10
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 100℃
IR
500
uAmps
I
2t Rating for Fusing (t < 8.3ms)
I
2t
374
A
2Sec
Typical Junction Capacitance ( Note 1 )
CJ
40
pF
Typical Thermal Resistance ( Note 2 )
RθJA
19
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +175
℃
Notes:
1.Measured at 1 MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Ambient and from Junction to lead mounted on PCB with 0.47” x 0.47” (12x12mm) copper pads .
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
MB-25
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 15Amperes
Dimensions in inches and (millimeters)
KBPC15005-KBPC1510


Similar Part No. - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC15005 SEMTECH-KBPC15005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC15005 SSE-KBPC15005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC15005 CHENYI-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Dc Components
KBPC15005 DCCOM-KBPC15005 Datasheet
431Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC15005 FUJI-KBPC15005 Datasheet
757Kb / 1P
15 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC15005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB3505 RECTRON-MB3505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RS201L RECTRON-RS201L Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com