Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

709-2000 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 709-2000
Description  PLCC sockets, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

709-2000 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  709-2000 Datasheet HTML 1Page - CAMBION Electronic Components 709-2000 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Wednesday, 02 April 2003
Page 2 of 2
SPECIFICATIONS
Component
Material
Finish (Y)
-4
Contact
Phosphor Bronze
Electro Tin
Moulding
PBT, UL94V-0
Black
Operating Temperature
-55°C to +105°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com