Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

709-2001 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 709-2001
Description  PLCC sockets, surface mount, supplied in tubes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

709-2001 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  709-2001 Datasheet HTML 1Page - CAMBION Electronic Components 709-2001 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Wednesday, 02 April 2003
Page 2 of 2
DIMENSIONS
Dimensions
Full Part Number
Contacts
(XXX)
A
B
C
D
E
709-2001-020-4-00
20
.200 (5,08)
.613 (15,58)
.657 (16,70)
.334 (8,48)
.500 (12,70)
709-2001-028-4-00
28
.300 (7,62)
.713 (18,12)
.799 (20,30)
.434 (11,02)
.600 (15,24)
709-2001-032-4-00
32
.300 (7,62)
.400 (10,16)
.713 (18,12)
.813 (20,66)
.886 (22,50)
.434 (11,02)
.534 (13,56)
.700 (17,78)
709-2001-044-4-00
44
.500 (12,70)
.913 (23,20)
1.083 (27,50)
.634 (16,10)
.800 (20,32)
709-2001-052-4-00
52
.600 (15,24)
1.013 (25,74) 1.224 (31,10)
.734 (18,64)
.900 (22,86)
709-2001-068-4-00
68
.800 (20,32)
1.213 (30,82) 1.508 (38,30)
.934 (23,72)
1.100 (27,94)
709-2001-084-4-00
84
1.000 (25,40) 1.413 (35,90) 1.791 (45,50) 1.134 (28,80) 1.300 (33,02)
SPECIFICATIONS
Component
Material
Finish (Y)
-4
Contact
Phosphor Bronze
Electro Tin
Moulding
PPS 40% glass filled, UL94V-0
-
Current Rating
1 Amp
Insulation Resistance
5000 M Ohm Min.
Withstanding Voltage
600 V AC RMS Min.
Operating Temperature
-55°C to +150°C
FEATURES
Skeleton base - allows visual inspection of solder joints
Board stand-offs - facilitate easy cleaning
Low profile - .175" (4,45mm) height only
Optional locating pegs (ZZ), -00 = no pegs, -01 = with pegs
Packaged in tubes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com