Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50DHM65T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTM50DHM65T3G
Description  Asymmetrical - Bridge MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50DHM65T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTM50DHM65T3G Datasheet HTML 1Page - Microsemi Corporation APTM50DHM65T3G Datasheet HTML 2Page - Microsemi Corporation APTM50DHM65T3G Datasheet HTML 3Page - Microsemi Corporation APTM50DHM65T3G Datasheet HTML 4Page - Microsemi Corporation APTM50DHM65T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTM50DHM65T3G
www.microsemi.com
5 – 5
Typical diode Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
TJ=25°C
TJ=125°C
0
40
80
120
160
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF, Anode to Cathode Voltage (V)
Forward Current vs Forward Voltage
IRRM vs. Current Rate of Charge
30 A
60 A
120 A
0
5
10
15
20
25
30
35
40
0
200
400
600
800
1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=400V
Trr vs. Current Rate of Charge
30 A
60 A
120 A
50
75
100
125
150
175
0
200
400
600
800
1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=400V
QRR vs. Current Rate Charge
30 A
60 A
120 A
0.0
0.5
1.0
1.5
2.0
0
200
400
600
800
1000 1200
-diF/dt (A/µs)
TJ=125°C
VR=400V
Capacitance vs. Reverse Voltage
0
100
200
300
400
500
1
10
100
1000
VR, Reverse Voltage (V)
0
20
40
60
80
100
25
50
75
100
125
150
175
Case Temperature (°C)
DC Forward Current vs. Case Temp.
Duty Cycle = 0.5
TJ=175°C
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com