Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM50HM35FG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM50HM35FG
Description  Full - Bridge MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM50HM35FG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM50HM35FG Datasheet HTML 1Page - Microsemi Corporation APTM50HM35FG Datasheet HTML 2Page - Microsemi Corporation APTM50HM35FG Datasheet HTML 3Page - Microsemi Corporation APTM50HM35FG Datasheet HTML 4Page - Microsemi Corporation APTM50HM35FG Datasheet HTML 5Page - Microsemi Corporation APTM50HM35FG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM50HM35FG
www.microsemi.com
1 – 6
S4
G4
S3
Q3
G3
G1
Q1
Q4
0/VBUS
VBUS
G2
Q2
S2
S1
S4
G4
G2
S2
VBUS
0/VBUS
S1
G1
S3
OUT1
OUT2
G3
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
500
V
Tc = 25°C
99
ID
Continuous Drain Current
Tc = 80°C
74
IDM
Pulsed Drain current
396
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
39
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
781
W
IAR
Avalanche current (repetitive and non repetitive)
51
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 500V
RDSon = 35mΩ typ @ Tj = 25°C
ID = 99A @ Tc = 25°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS 7® FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Low profile
•
RoHS Compliant
Full - Bridge
MOSFET Power Module


Similar Part No. - APTM50HM35FG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50HM35F ADPOW-APTM50HM35F Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
More results

Similar Description - APTM50HM35FG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
Full - Bridge MOSFET Power Module
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
APTM60H23FT1G MICROSEMI-APTM60H23FT1G Datasheet
195Kb / 5P
Full - Bridge MOSFET Power Module
APTM100H40FT3G MICROSEMI-APTM100H40FT3G Datasheet
183Kb / 5P
Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com