Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100A23STG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM100A23STG
Description  Phase leg Series & parallel diodes MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100A23STG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM100A23STG Datasheet HTML 1Page - Microsemi Corporation APTM100A23STG Datasheet HTML 2Page - Microsemi Corporation APTM100A23STG Datasheet HTML 3Page - Microsemi Corporation APTM100A23STG Datasheet HTML 4Page - Microsemi Corporation APTM100A23STG Datasheet HTML 5Page - Microsemi Corporation APTM100A23STG Datasheet HTML 6Page - Microsemi Corporation APTM100A23STG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM100A23STG
www.microsemi.com
1 – 7
NTC2
OUT
VBUS
NTC1
0/VBUS
Q1
G1
Q2
S1
S2
G2
NTC2
S1
OUT
OUT
NTC1
VBUS
0/VBUS
G2
S2
G1
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
36
ID
Continuous Drain Current
Tc = 80°C
27
IDM
Pulsed Drain current
144
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
270
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
694
W
IAR
Avalanche current (repetitive and non repetitive)
18
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
VDSS = 1000V
RDSon = 230mΩ typ @ Tj = 25°C
ID = 36A @ Tc = 25°C
Application
•
Motor control
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Phase leg
Series & parallel diodes
MOSFET Power Module


Similar Part No. - APTM100A23STG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM100A23SCTG MICROSEMI-APTM100A23SCTG Datasheet
300Kb / 7P
Phase leg Series & SiC parallel diodes MOSFET Power Module
More results

Similar Description - APTM100A23STG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM06S ADPOW-APTM20AM06S Datasheet
291Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM20AM10ST ADPOW-APTM20AM10ST Datasheet
299Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24S ADPOW-APTM50AM24S Datasheet
297Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24SC ADPOW-APTM50AM24SC Datasheet
307Kb / 7P
Phase leg Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTM20AM06SG MICROSEMI-APTM20AM06SG Datasheet
275Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM20AM10STG MICROSEMI-APTM20AM10STG Datasheet
287Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM24SG MICROSEMI-APTM50AM24SG Datasheet
276Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM100A13SG MICROSEMI-APTM100A13SG Datasheet
273Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM120A20SG MICROSEMI-APTM120A20SG Datasheet
272Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
APTM50AM38STG MICROSEMI-APTM50AM38STG Datasheet
296Kb / 7P
Phase leg Series & parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com