Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM100H45STG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM100H45STG
Description  Full bridge Series & parallel diodes MOSFET Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100H45STG Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM100H45STG Datasheet HTML 1Page - Microsemi Corporation APTM100H45STG Datasheet HTML 2Page - Microsemi Corporation APTM100H45STG Datasheet HTML 3Page - Microsemi Corporation APTM100H45STG Datasheet HTML 4Page - Microsemi Corporation APTM100H45STG Datasheet HTML 5Page - Microsemi Corporation APTM100H45STG Datasheet HTML 6Page - Microsemi Corporation APTM100H45STG Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTM100H45STG
www.microsemi.com
1 – 7
O UT1 OUT2
G1
S1
CR2A
Q1
CR1A
CR3B
CR1B
G2
S2
NTC1
CR2B
Q2
CR4B
0/VBUS
CR4A
CR3A
G4
G3
S3
S4
Q4
NTC2
Q3
VBUS
OUT1
OUT2
NTC1
NTC2
G3
S3
VBUS
G1
S1
G4
G2
S2
0/VBUS
S4
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1000
V
Tc = 25°C
18
ID
Continuous Drain Current
Tc = 80°C
14
IDM
Pulsed Drain current
72
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
540
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
357
W
IAR
Avalanche current (repetitive and non repetitive)
18
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
2500
mJ
VDSS = 1000V
RDSon = 450mΩ typ @ Tj = 25°C
ID = 18A @ Tc = 25°C
Application
•
Motor control
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
Features
•
Power MOS 7® MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Full bridge
Series & parallel diodes
MOSFET Power Module


Similar Part No. - APTM100H45STG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM100H45ST ADPOW-APTM100H45ST Datasheet
314Kb / 6P
Full bridge Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM100H45STG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM50HM75SCT ADPOW-APTM50HM75SCT Datasheet
327Kb / 7P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM20HM20STG ADPOW-APTM20HM20STG Datasheet
314Kb / 6P
Full bridge Series & parallel diodes MOSFET Power Module
APTM50HM75STG ADPOW-APTM50HM75STG Datasheet
316Kb / 7P
Full bridge Series & parallel diodes MOSFET Power Module
APTM100H45SCT ADPOW-APTM100H45SCT Datasheet
325Kb / 7P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM100H45ST ADPOW-APTM100H45ST Datasheet
314Kb / 6P
Full bridge Series & parallel diodes MOSFET Power Module
logo
Microsemi Corporation
APTC60HM70SCTG MICROSEMI-APTC60HM70SCTG Datasheet
318Kb / 8P
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
APTM20HM20STG MICROSEMI-APTM20HM20STG Datasheet
290Kb / 6P
Full bridge Series & parallel diodes MOSFET Power Module
APTM50HM75SCTG MICROSEMI-APTM50HM75SCTG Datasheet
309Kb / 8P
Full bridge Series & SiC parallel diodes MOSFET Power Module
APTM50HM75STG MICROSEMI-APTM50HM75STG Datasheet
288Kb / 6P
Full bridge Series & parallel diodes MOSFET Power Module
APTM100H45SCTG MICROSEMI-APTM100H45SCTG Datasheet
300Kb / 8P
Full bridge Series & SiC parallel diodes MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com