Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120DA30T1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120DA30T1G
Description  Boost chopper MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120DA30T1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120DA30T1G Datasheet HTML 1Page - Microsemi Corporation APTM120DA30T1G Datasheet HTML 2Page - Microsemi Corporation APTM120DA30T1G Datasheet HTML 3Page - Microsemi Corporation APTM120DA30T1G Datasheet HTML 4Page - Microsemi Corporation APTM120DA30T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTM120DA30T1G
www.microsemi.com
1 – 5
11
CR1
Q2
10
9
12
NTC
12
3
4
6
5
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
31
ID
Continuous Drain Current
Tc = 80°C
23
IDM
Pulsed Drain current
195
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
360
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
657
W
IAR
Avalanche current (repetitive and non repetitive)
25
A
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
Features
•
Power MOS 8™ MOSFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Avalanche energy rated
-
Very rugged
•
Very low stray inductance
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Boost chopper
MOSFET Power Module
VDSS = 1200V
RDSon = 300mΩ typ @ Tj = 25°C
ID = 31A @ Tc = 25°C


Similar Part No. - APTM120DA30T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM120DA30CT1G MICROSEMI-APTM120DA30CT1G Datasheet
199Kb / 5P
MOSFET SiC chopper diode
More results

Similar Description - APTM120DA30T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM10DAM05T ADPOW-APTM10DAM05T Datasheet
308Kb / 6P
Boost chopper MOSFET Power Module
APTM20DAM08TG ADPOW-APTM20DAM08TG Datasheet
309Kb / 6P
Boost chopper MOSFET Power Module
logo
Microsemi Corporation
APTM10DAM05TG MICROSEMI-APTM10DAM05TG Datasheet
278Kb / 6P
Boost chopper MOSFET Power Module
APTM20DAM04G MICROSEMI-APTM20DAM04G Datasheet
272Kb / 6P
Boost chopper MOSFET Power Module
APTM20DAM10TG MICROSEMI-APTM20DAM10TG Datasheet
286Kb / 6P
Boost chopper MOSFET Power Module
APTM50DAM17G MICROSEMI-APTM50DAM17G Datasheet
273Kb / 6P
Boost chopper MOSFET Power Module
APTM50DAM35TG MICROSEMI-APTM50DAM35TG Datasheet
286Kb / 6P
Boost Chopper MOSFET Power Module
APTM50DAM38TG MICROSEMI-APTM50DAM38TG Datasheet
286Kb / 6P
Boost chopper MOSFET Power Module
APTM100DAM90G MICROSEMI-APTM100DAM90G Datasheet
272Kb / 6P
Boost chopper MOSFET Power Module
APTM120DA15G MICROSEMI-APTM120DA15G Datasheet
271Kb / 6P
Boost chopper MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com