Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120H140FT1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120H140FT1G
Description  Full - Bridge MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120H140FT1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120H140FT1G Datasheet HTML 1Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 2Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 3Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 4Page - Microsemi Corporation APTM120H140FT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTM120H140FT1G
www.microsemi.com
1 – 5
79
1
4
NTC
11
810
12
3
6
Q1
Q2
5
Q4
Q3
2
Pins 3/4 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
8
ID
Continuous Drain Current
Tc = 80°C
6
IDM
Pulsed Drain current
50
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
1.68
Ω
PD
Maximum Power Dissipation
Tc = 25°C
208
W
IAR
Avalanche current (repetitive and non repetitive)
7
A
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS 8™ Fast FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
•
Very low stray inductance
-
Symmetrical design
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
Each leg can be easily paralleled to achieve a phase
leg of twice the current capability
•
RoHS Compliant
Full - Bridge
MOSFET Power Module
VDSS = 1200V
RDSon = 1.4Ω typ @ Tj = 25°C
ID = 8A @ Tc = 25°C


Similar Part No. - APTM120H140FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120H29F ADPOW-APTM120H29F Datasheet
309Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
logo
Advanced Power Technolo...
APTM120H57FT ADPOW-APTM120H57FT Datasheet
315Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3 ADPOW-APTM120H57FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
More results

Similar Description - APTM120H140FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20HM20FT ADPOW-APTM20HM20FT Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H45FT3 ADPOW-APTM100H45FT3 Datasheet
320Kb / 6P
Full - Bridge MOSFET Power Module
logo
Microsemi Corporation
APTM20HM20FTG MICROSEMI-APTM20HM20FTG Datasheet
296Kb / 6P
Full - Bridge MOSFET Power Module
APTM50H14FT3G MICROSEMI-APTM50H14FT3G Datasheet
301Kb / 6P
Full - Bridge MOSFET Power Module
APTM50HM65FTG MICROSEMI-APTM50HM65FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM100H35FTG MICROSEMI-APTM100H35FTG Datasheet
293Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H29FG MICROSEMI-APTM120H29FG Datasheet
286Kb / 6P
Full - Bridge MOSFET Power Module
APTM120H57FT3G MICROSEMI-APTM120H57FT3G Datasheet
299Kb / 6P
Full - Bridge MOSFET Power Module
APTM60H23FT1G MICROSEMI-APTM60H23FT1G Datasheet
195Kb / 5P
Full - Bridge MOSFET Power Module
APTM100H40FT3G MICROSEMI-APTM100H40FT3G Datasheet
183Kb / 5P
Full - Bridge MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com