Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM120SK68T1G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTM120SK68T1G
Description  Buck chopper MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120SK68T1G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTM120SK68T1G Datasheet HTML 1Page - Microsemi Corporation APTM120SK68T1G Datasheet HTML 2Page - Microsemi Corporation APTM120SK68T1G Datasheet HTML 3Page - Microsemi Corporation APTM120SK68T1G Datasheet HTML 4Page - Microsemi Corporation APTM120SK68T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTM120SK68T1G
www.microsemi.com
2 – 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
100
IDSS
Zero Gate Voltage Drain Current
VDS =1200V
VGS = 0V
Tj = 125°C
500
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 12A
680
816
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.5mA
3
4
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V
±100
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
6696
Coss
Output Capacitance
615
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
80
pF
Qg
Total gate Charge
260
Qgs
Gate – Source Charge
42
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 600V
ID = 12A
120
nC
Td(on)
Turn-on Delay Time
45
Tr
Rise Time
27
Td(off)
Turn-off Delay Time
145
Tf
Fall Time
Resistive switching @ 25°C
VGS = 15V
VBus = 800V
ID = 12A
RG = 2.2Ω
42
ns
Chopper diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
100
IRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
500
µA
IF
DC Forward Current
Tc = 80°C
30
A
IF = 30A
2.6
3.1
IF = 60A
3.2
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.8
V
Tj = 25°C
300
trr
Reverse Recovery Time
Tj = 125°C
380
ns
Tj = 25°C
360
Qrr
Reverse Recovery Charge
IF = 30A
VR = 800V
di/dt =200A/µs
Tj = 125°C
1700
nC
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
Transistor
0.35
RthJC
Junction to Case Thermal Resistance
Diode
1.2
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque
Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
80
g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com