Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF477FL Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ARF477FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF477FL Datasheet(HTML) 2 Page - Microsemi Corporation

  ARF477FL Datasheet HTML 1Page - Microsemi Corporation ARF477FL Datasheet HTML 2Page - Microsemi Corporation ARF477FL Datasheet HTML 3Page - Microsemi Corporation ARF477FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.10
1.00
10.00
56.00
1
5
10
50 100
500
DYNAMIC CHARACTERISTICS (per section)
ARF477FL
16
12
8
4
0
2
4
6
8
10
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
5000
1000
500
100
50
10
.1
.5
1
5
10
50
150
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 4, Typical Maximum Safe Operating Area
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 3, Typical Transfer Characteristics
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
T
J = -55°C
T
J = -55°C
T
J = +125°C
T
J = +25°C
T
C =+25°C
T
J =+150°C
SINGLE PULSE
OPERATION HERE
LIMITED BY R
DS
(ON)
C
iss
C
oss
C
rss
→
→
→
←
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1, Typical Output Characteristics
25
20
15
10
5
0
0
5
10
15
20
25
30
6.5V
5.5V
6V
7V
V
GS=15 & 10V
9V
8V
4.5V
5V
→
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ISS
Input Capacitance
V
GS = 0V
1890
2100
pF
C
oss
Output Capacitance
V
DS = 50V
350
390
C
rss
Reverse Transfer Capacitance
f = 1MHz
75
90
t
d(on)
Turn-on Delay Time
V
GS = 15V
V
DD = 250V
I
D = ID[Cont.] @ 25°C
R
G = 1.6 W
7
nS
t
r
Rise Time
6
t
d(off)
Turn-off Delay Time
20
t
f
Fall Time
4.0
7
Functional Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
G
PS
Common Source Amplifier Power Gain
f = 27MHz
I
dq = 0mA
V
DD = 125V
P
OUT = 300W
14
16
dB
η
Drain Efficiency
50
55
%
Ψ
Electrical Ruggedness VSWR 10:1
No Degradation in Output Power
1. Pulse Test: Pulse width < 380 μS, Duty Cycle < 2%.
Microsemi reserves the right to change, without notice, the specifications and information contained herein.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com