Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1602 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC1602
Description  CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1602 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC1602 Datasheet HTML 1Page - Microsemi Corporation GC1602 Datasheet HTML 2Page - Microsemi Corporation GC1602 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GC1600A – GC1613
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
CONTROL DEVICES
45 Volt Abrupt Junction Tuning Varactors
TM
®
RoHS Compliant
DESCRIPTION
The GC1600 series varactors are silicon abrupt junction devices. They offer the
highest Q and lowest series resistance available in a 45 Volt silicon varactor.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise specified.
Consult the factory if you have special requirements.
APPLICATIONS
The GC1600 series varactors are used for narrow to moderate bandwidth tuning.
They are available in values appropriate for VHF through KU band frequencies.
These devices are best used in low phase noise voltage controlled oscillators, low
loss voltage variable filters and phase shifters.
Standard capacitance tolerance is ±10% other capacitance values and custom
mechanical configurations are also available. All specifications shown are based on
style 30 package and include 0.18 pF case capacitance. Consult package outline
section of this catalog for other case styles available. Complete electrical and
mechanical data is also provided.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Minimum Breakdown Voltage @10 uA
VB
45
V
Maximum Leakage Current
@35 Volts
IR
0.02 @ 25 ºC
2.0 @125 ºC
uA
Operating Temperature
TOP
-55 to +125
ºC
Storage Temperature
TSTG
-65 to +150
ºC
Thermal Coefficient of Capacitance
@4 Volts
TCC
300
ppm/ ºC
IMPORTANT:
For the mostcurrentdata,consultMICROSEMI’s website
: www.microsemi.com
Specifications are subject to change, consult the factory for further information.
These devices are ESD sensitive and must be handled use using ESD precautions.
KEY F E ATU R ES
 Highest Q for 45 Volt Varactors
 Lowest Rs
 Large selection of capacitance
values to chose from
 Low phase noise
 RoHS Compliant
1
1
Most or our devices are supplied with
Gold plated terminations. Other
terminal finishes are available on
request. Consult factory for details.
APPLICATIONS/BENEFITS
 VHF to Ku Band Tuning
 VVF (Voltage Variable Filters)
 Phase Shifters
Copyright
 2006
Rev: 2009-01-19


Similar Part No. - GC1602

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GC160 MEANWELL-GC160 Datasheet
142Kb / 2P
160W Single Output Battery Charger
GC160A12 MEANWELL-GC160A12 Datasheet
142Kb / 2P
160W Single Output Battery Charger
logo
Total Power Internation...
GC160A12 TOTAL-POWER-GC160A12 Datasheet
139Kb / 2P
160W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC160A12-AD1 MEANWELL-GC160A12-AD1 Datasheet
250Kb / 2P
160W Single Output Battery Charger
GC160A12-R7B MEANWELL-GC160A12-R7B Datasheet
250Kb / 2P
160W Single Output Battery Charger
More results

Similar Description - GC1602

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
Abrupt Junction Tuning Varactors
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
Abrupt Junction Tuning Varactors
logo
Microsemi Corporation
GC1700A MICROSEMI-GC1700A Datasheet
138Kb / 3P
CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A_09 Datasheet
132Kb / 3P
CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
Plastic Packaged Abrupt Junction Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com