Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC3202 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC3202
Description  POWER GENERATION Harmonics Generator Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC3202 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC3202 Datasheet HTML 1Page - Microsemi Corporation GC3202 Datasheet HTML 2Page - Microsemi Corporation GC3202 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GC3202 – GC3208
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
POWER GENERATION
Harmonics Generator Varactors
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult the factory for further information.
These devices are ESD sensitive and must be handled using ESD precautions.
D E SCRI PTI ON
The GC3200 series of harmonic generator varactors uses a single epitaxial
silicon die. Strict material and process controls result in high reproducibility. A
unique silicon dioxide passivation process assures greater stability, reliability
and low leakage currents at high temperatures. This series of diodes is
available in a wide selection of capacitance values, breakdown voltages,
transition times and cutoff frequencies for optimum circuit design. These
devices have the best efficiencies and thermal dissipation available in single
chip multiplier varactors.
Unless otherwise specified, capacitance will be within the range shown for
each type. A capacitance tolerance of ±10% is available at an additional
charge. Diodes can be optimized for custom electrical or mechanical
specifications. Custom parameters for capacitance, voltage, transition time,
cutoff frequency, etc. are available upon request.
All specifications shown above are based on the style 30 package, except for
GC3202 and GC3203, which are based on the style 20 package. These latter
two devices are available only in case styles 20 or 55 due to die size. Consult
factory for availability.
A complete list of case styles available along with dimensions and package
parasitics are available at www.microsemi.com. The cathode is the heat sink
end of each package. Diode chips, alone or mounted on carriers with gold
wire/ribbon leads are also available.
APPLICATIONS/BENEFITS
Harmonics Generation
Local Oscillators
Frequency Synthesizers
Up Converters
APPLICATIONS
The GC3200 series multiplier varactors can be used for all orders of
multiplication from X2 through X20. They are used primarily in low
harmonic order, high efficiency, high power applications. They are
used in narrow and wide bandwidth frequency generator chains for all
multiplication stages. Other applications include: voltage controlled
oscillators, frequency synthesizers and up converters.
KEY FEATURES
X2 Through X20 Harmonics
Generation
Excellent Efficiency
High Output Power
RoHS Compliant
1
1 The GC3200 Series of products
are supplied with a RoHS complaint
Gold finish.


Similar Part No. - GC3202

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GC32 AMPHENOL-GC32 Datasheet
107Kb / 4P
Heavy ISONEL: for use to 356째F (180째C), excellent abrasion resistance, our standard coating
GC32 AMPHENOL-GC32 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Murata Manufacturing Co...
GC32135C5C0JR50D MURATA-GC32135C5C0JR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GC32135C5C1AR50D MURATA-GC32135C5C1AR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GC32135C5C1CR50D MURATA-GC32135C5C1CR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
More results

Similar Description - GC3202

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231 Datasheet
179Kb / 7P
Hyperabrupt Tuning Varactors
logo
Extech Instruments Corp...
382095 EXTECH-382095 Datasheet
335Kb / 1P
1000A 3-Phase Power & Harmonics Analyzer
PQ3350-1 EXTECH-PQ3350-1 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3470 EXTECH-PQ3470 Datasheet
468Kb / 1P
3-Phase Graphical Power and Harmonics Analyzer
PQ3350-1 EXTECH-PQ3350-1_15 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3_15 Datasheet
370Kb / 1P
3-Phase Power & Harmonics Analyzers
PQ3470 EXTECH-PQ3470_15 Datasheet
468Kb / 1P
3-Phase Graphical Power and Harmonics Analyzer
logo
Pericom Semiconductor C...
PI6LC48S25A PERICOM-PI6LC48S25A Datasheet
1Mb / 16P
Next Generation HiFlex Ethernet Network Clock Generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com