Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC1713 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC1713
Description  CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1713 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC1713 Datasheet HTML 1Page - Microsemi Corporation GC1713 Datasheet HTML 2Page - Microsemi Corporation GC1713 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GC1700A – GC1720
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES
60 Volt Abrupt Junction Tuning Varactors
TM
®
RoHS Compliant
ELECTRICAL CHARACTERISTICS @ 25º C
Model Number
CT -4
+ / - 10%
Quality Factor
3
(Min)
Capacitance Ratio
2
(Min)
(Note 2)
@ -4V
(pF)
@-4V, 50 MHz
CT0 / CT-60
GC1700A – 00
0.6
2200
4.5
GC1700
0.8
2100
4.6
GC1701
1.0
2000
4.8
GC1702
1.2
1800
5.0
GC1703
1.5
1800
5.3
GC1704
1.8
1700
5.5
GC1705
2.2
1700
5.8
GC1706
2.7
1600
5.9
GC1707
3.3
1600
6.0
GC1708
3.9
1400
6.0
GC1709
4.7
1400
6.5
GC1710
5.6
1400
6.5
GC1711
6.8
1300
6.5
GC1712
8.2
1300
7.0
GC1713
10.0
1200
7.0
GC1714
12.0
1200
7.0
GC1715
15.0
1100
7.0
GC1716
18.0
1000
7.0
GC1717
22.0
1000
7.0
GC1718
27.0
900
7.0
GC1719
33.0
800
7.0
GC1720
39.0
800
7.0
Notes
1)
When ordering, specify the desired case style suffix to the model. (eg. GC1701 – 30)
2)
Capacitance values include a package capacitance of 0.18 pF. Capacitance is measures at F = 1 MHz.
3)
Q is calculated from:
a.
Q =
1
4
4
2
/
Cj
fRs
b.
Rs is measured using @ 1 GHz using transmission loss techniques.
c.
Capacitances is measured at 1 MHz.
Copyright
 2006
Rev: 2009-01-19



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com