Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4375 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC4375
Description  CONTROL DEVICES High Speed NIP Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4375 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC4375 Datasheet HTML 1Page - Microsemi Corporation GC4375 Datasheet HTML 2Page - Microsemi Corporation GC4375 Datasheet HTML 3Page - Microsemi Corporation GC4375 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GC4310 – GC4375
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-02-02
RoHS Compliant
CONTROL DEVICES
High Speed NIP Diodes
D E SCRI PTI ON
The GC4300 series are high speed (anode base) NIP diodes made with high
resistivity reverse epitaxial silicon material. These diodes are passivated with
silicon dioxide for high stability and reliability and have been proven by
thousands of device hours in high reliability systems.
The NIP diode is used when negative bias current is available for forward
conduction and will operate with as little as -10 mA bias. These diodes have
somewhat faster speeds as compared with similar PIN diodes.
These devices can withstand storage temperatures from -65°C to +200°C and
will operate over the range from -55°C to +150°C. All devices meet or exceed
military environmental specifications of MIL-PRF-19500.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise specified.
Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
RF / Microwave Switching
Duplexers
Digital Phase Shifting
Phased Array Radar
APPLICATIONS
The GC4300 series can be used in RF circuits as an on/off element, as a
switch, or as a current controlled resistor in attenuators extending over the
frequency range from UHF through Ku band.
Switch applications include high speed switches (ECM systems), TR witches,
channel or antenna selection switches (telecommunications), duplexers
(radar) and digital phase shifters (phased arrays).
The GC4300 series are also used as passive and active limiters for low to
moderate RF power levels.
Attenuator type applications include amplitude modulators, AGC attenuators,
power levelers and level set attenuators.
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult the factory for further information.
These devices are ESD sensitive and must be handled using ESD precautions.
1 These devices are supplied with gold
plated terminations.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
0.5
uA
Storage Temperature
TSTG
-65 to +200
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
Available as packaged devices or
as chips for hybrid applications
Low Loss
Suitable for applications to 18Ghz
High Speed
Low Insertion Loss
High Isolation
Reverse Polarity for Applications
with special Bias Considerations
RoHS Compliant
1


Similar Part No. - GC4375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC4002M5 ETC2-GC4002M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
GC4004M5 ETC2-GC4004M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
GC4011M5 ETC2-GC4011M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
logo
Texas Instruments
GC4014 TI-GC4014 Datasheet
413Kb / 46P
QUAD RECEIVER CHIP
GC4014-PQ TI-GC4014-PQ Datasheet
413Kb / 46P
QUAD RECEIVER CHIP
More results

Similar Description - GC4375

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4210 MICROSEMI-GC4210 Datasheet
140Kb / 4P
TM CONTROL DEVICES - HIGH SPEED PIN DIODES
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
GC4510 MICROSEMI-GC4510 Datasheet
171Kb / 4P
CONTROL DEVICES High Voltage NIP Diodes TM
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
CONTROL DEVICES High Power PIN Diodes
GC4701 MICROSEMI-GC4701 Datasheet
179Kb / 5P
TM CONTROL DEVICES - LIMITER DIODES
GC4801 MICROSEMI-GC4801 Datasheet
131Kb / 2P
CONTROL DEVICES Planar Beamlead - PIN Diodes
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
CONTROL DEVICES - BEAMLEAD PIN DIODES
MPP4201 MICROSEMI-MPP4201_09 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
CONTROL DEVICES Surface Mount-Melf pin diodes
logo
M/A-COM Technology Solu...
MNP0008 MA-COM-MNP0008 Datasheet
515Kb / 2P
Silicon NIP Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com