Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4213 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC4213
Description  TM CONTROL DEVICES - HIGH SPEED PIN DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4213 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC4213 Datasheet HTML 1Page - Microsemi Corporation GC4213 Datasheet HTML 2Page - Microsemi Corporation GC4213 Datasheet HTML 3Page - Microsemi Corporation GC4213 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GC4210 – GC4275
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
CONTROL DEVICES – HIGH SPEED PIN DIODES
TM
®
Copyright
 2006
Rev.: 2009-02-19
RoHS Compliant
IMPORTANT: For the most current data, consult MICROSEMI’s website:
HU
www.MICROSEMI.com
UH
Specifications are subject to change, consult factory for the latest information.
These devices are ESD sensitive and must be handled use using ESD precautions.
D E SCRI PTI ON
The GC4200 series are high speed (cathode base) PIN diodes
made with high resistivity epitaxial silicon material. These diodes
are passivated with silicon dioxide for high stability and reliability
and have been proven by thousands of device hours in high
reliability systems.
These devices can withstand storage temperatures from -65°C to
+200°C and will operate over the range from -55°C to +150°C. All
devices meet or exceed military environmental specifications of
MIL-PRF-19500. The GC4200 series will operate with as little as
+10 mA forward bias.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
RF / Microwave Switching
Duplexers
Digital Phase Shifting
Phase Array Radar
2B
APPLICATIONS
The GC4200 series can be used in RF circuits as an on/off element,
as a switch, or as a current controlled resistor in attenuators
extending over the frequency range from UHF through Ku band.
Switch applications include high speed switches (ECM systems), TR
switches, channel or antenna selection switches
(telecommunications), duplexers (radar) and digital phase shifters
(phased arrays).
The GC4200 series are also used as passive and active limiters for
low to moderate RF power levels.
Attenuator type applications include amplitude modulators, AGC
attenuators, power levelers and level set attenuators.
ABSOLUTE MAXIMUM RATINGS AT 25º C
3B
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
0.5
uA
Storage Temperature
TSTG
-65 to +200
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
Available as packaged devices or
as chips for hybrid applications
Low Loss
Suitable for application to 18Ghz
High Speed
Low Insertion Loss
High Isolation
RoHS Compliant
1
1 Most of our devices are supplied with
Gold plated terminations. Other terminal
finishes are available on request. Consult
factory for details.


Similar Part No. - GC4213

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4213 MICROSEMI-GC4213 Datasheet
104Kb / 2P
HIGH SPEED PIN DIODES
More results

Similar Description - GC4213

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4270 MICROSEMI-GC4270 Datasheet
104Kb / 2P
HIGH SPEED PIN DIODES
GC4310 MICROSEMI-GC4310 Datasheet
209Kb / 4P
CONTROL DEVICES High Speed NIP Diodes
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
GC4510 MICROSEMI-GC4510 Datasheet
171Kb / 4P
CONTROL DEVICES High Voltage NIP Diodes TM
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
CONTROL DEVICES High Power PIN Diodes
GC4701 MICROSEMI-GC4701 Datasheet
179Kb / 5P
TM CONTROL DEVICES - LIMITER DIODES
GC4801 MICROSEMI-GC4801 Datasheet
131Kb / 2P
CONTROL DEVICES Planar Beamlead - PIN Diodes
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
CONTROL DEVICES - BEAMLEAD PIN DIODES
MPP4201 MICROSEMI-MPP4201_09 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
SM0502 MICROSEMI-SM0502_09 Datasheet
166Kb / 3P
CONTROL DEVICES Surface Mount-Melf pin diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com