Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4311 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC4311
Description  CONTROL DEVICES High Speed NIP Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4311 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC4311 Datasheet HTML 1Page - Microsemi Corporation GC4311 Datasheet HTML 2Page - Microsemi Corporation GC4311 Datasheet HTML 3Page - Microsemi Corporation GC4311 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GC4310 – GC4375
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-02-02
RoHS Compliant
CONTROL DEVICES
High Speed NIP Diodes
.
DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)E
Model Number
1
VB(V)
IR=10μA
(Min)
CJ (pF)
2
@VR=10V
(Max)
RS(Ω)
3
@20 mA
(Max)
TL(nS)
IR=6mA/IF=10mA
(Typ)
Thermal
Resistance
θ (˚C/W)
(Max)
GC4371
70
0.1
0.9
70
70
GC4372
70
0.2
0.7
70
70
GC4373
70
0.3
0.6
70
60
GC4374
70
0.4
0.5
70
50
GC4375
70
0.5
0.4
70
40
GC4310
100
0.06
1.5
170
80
GC4311
100
0.1
1
170
70
GC4312
100
0.2
0.9
170
70
GC4313
100
0.3
0.8
170
60
GC4314
100
0.4
0.6
170
50
GC4315
100
0.5
0.4
170
40
GC4320
200
0.06
1.5
200
80
GC4321
200
0.1
1.2
200
70
GC4322
200
0.2
1
200
70
GC4323
200
0.3
0.9
200
60
GC4324
200
0.4
0.8
200
50
GC4325
200
0.5
0.5
200
40
Notes:
1.
This series of devices is available in standard case styles 00, 30, and 35. Many other styles are available on request.
2.
Capacitance is measured at 1 MHz.
3.
Resistance is measured AT 1 GHz using transmission loss techniques.
The junction capacitance specified is for a 00 (chip) package style. Standard wafer evaluation and
characterization is completed using a style 30 package. Diodes are available in many case styles. Each
type offers performance trade-offs. The proper choice of package style depends on the end application and
operating environment. Consult factory for assistance. Standard polarity (PIN) diodes and higher voltage
PIN and NIP diodes are also available. (See data sheets for GC4200, GC4400, and GC4500 series
respectively.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com