Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4513 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC4513
Description  CONTROL DEVICES High Voltage NIP Diodes TM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4513 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC4513 Datasheet HTML 1Page - Microsemi Corporation GC4513 Datasheet HTML 2Page - Microsemi Corporation GC4513 Datasheet HTML 3Page - Microsemi Corporation GC4513 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GC4510 – GC4533
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES
High Voltage NIP Diodes
TM
®
Copyright
 2006
Rev.: 2009-01-19
RoHS Compliant
Notes:
1. Capacitance is measured at 1 MHz and -50 VOLTS
2. Resistance is measured using transmission loss techniques.
3. These devices are not available in all the package styles. Please consult the factory for specific case styles offered.
DEVICE NOTES
The tabulated specifications above are for package style 00. Diodes are also
available in various packaged configurations. Some limitations apply.
Consult factory for details.
Each type offers trade offs in series resistance, junction capacitance, carrier
lifetime and breakdown voltage; the proper choice of which depends on the
end application. Standard polarity diodes (PIN) and faster speed PIN and
NIP diodes are also available. (See data sheets for GC4400, GC4200, and
GC4300 series respectively.)
DEVICE ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)E
Model Number
VB(V)
IR=10μA
(Min)
CJ (pF)
1
@VR=50V
(Max)
Rs(Ω)
2
@100 mA
(Max)
TL(uS)
IR=6mA/IF=10mA
(Typ)
Thermal
Resistance
θ (˚C/W)
(Max)
GC4510 – 00
100
0.1
1.0
0.1
40
GC4511 – 00
100
0.25
0.6
0.2
25
GC4512 – 00
100
0.5
0.5
0.3
20
GC4513 – 00
3
100
0.75
0.4
0.4
10
GC4530 – 00
300
0.1
1.5
0.3
50
GC4531 – 00
300
0.25
1.2
0.5
30
GC4532 – 00
300
0.5
1.0
0.75
20
GC4533 - 00
3
300
0.75
0.8
1.0
15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com