Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4530 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC4530
Description  CONTROL DEVICES High Voltage NIP Diodes TM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4530 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC4530 Datasheet HTML 1Page - Microsemi Corporation GC4530 Datasheet HTML 2Page - Microsemi Corporation GC4530 Datasheet HTML 3Page - Microsemi Corporation GC4530 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GC4510 – GC4533
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
CONTROL DEVICES
High Voltage NIP Diodes
TM
®
Copyright
 2006
Rev.: 2009-01-19
RoHS Compliant
For the most current data, consult our website:
HU
www.MICROSEMI.com
U
Specifications are subject to change, consult factory for further information.
These devices are ESD sensitive and must be handled using ESD precautions.
D E SCRI PTI ON
The GC4500 series are high voltage, high power (anode base) NIP diodes.
These high resistivity silicon devices are passivated with silicon dioxide for
high stability and reliability and have been proven by thousands of device
hours in high reliability systems.
These devices can withstand storage temperatures from -65°C to +200°C
and will operate over the range from -55° to +150°C. All devices meet or
exceed military environmental specifications of MIL-PRF-19500.
The NIP diode is used when negative bias current is available for forward
conduction and will operate typically with -50 mA bias. Breakdown voltages
are available up to 500 volts. (Higher voltages available on request. Consult
factory for details.) These diodes have somewhat faster speeds as compared
with similar PIN diodes.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise specified.
Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
TR Switches
Antenna Selector Switches
Duplexers
Digital Phase Shifters
2B
APPLICATIONS
The GC4500 series can be used in RF circuits as an on/off element, as a
switch or as a current controlled resistor in attenuators extending over the
frequency range from UHF through Ku band.
Switch applications include medium high power switches (ECM systems), TR
or
lobing
switches,
channel
or
antenna
selection
switches
(telecommunications), duplexers (radar) and digital phase shifters (phase
arrays).
The GC4500 series are also used as active limiters for low to moderate RF
power levels. Attenuator type applications include amplitude modulators,
AGC attenuators, power levelers and level set attenuators.
ABSOLUTE MAXIMUM RATINGS AT 25º C
3B
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
0.5
uA
Storage Temperature
TSTG
-65 to +200
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
Available as packaged devices or
as chips for hybrid applications
High power handling
Suitable for applications to 18Ghz
Low Loss
Low Distortion
RoHS Compliant
1
1 Products are supplied with a Gold finish and are
suitable for RoHS complaint assembly. Consult factory
for details.


Similar Part No. - GC4530

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GC4002M5 ETC2-GC4002M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
GC4004M5 ETC2-GC4004M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
GC4011M5 ETC2-GC4011M5 Datasheet
655Kb / 12P
MODULAR COMPONENTS
logo
Texas Instruments
GC4014 TI-GC4014 Datasheet
413Kb / 46P
QUAD RECEIVER CHIP
GC4014-PQ TI-GC4014-PQ Datasheet
413Kb / 46P
QUAD RECEIVER CHIP
More results

Similar Description - GC4530

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS20-22MOF1 IXYS-CS20-22MOF1 Datasheet
82Kb / 2P
High Voltage Phase Control Thyristorin High Voltage ISOPLUS i4-PAC-TM
logo
Microsemi Corporation
GC4210 MICROSEMI-GC4210 Datasheet
140Kb / 4P
TM CONTROL DEVICES - HIGH SPEED PIN DIODES
GC4310 MICROSEMI-GC4310 Datasheet
209Kb / 4P
CONTROL DEVICES High Speed NIP Diodes
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
CONTROL DEVICES High Power PIN Diodes
GC4701 MICROSEMI-GC4701 Datasheet
179Kb / 5P
TM CONTROL DEVICES - LIMITER DIODES
GC4801 MICROSEMI-GC4801 Datasheet
131Kb / 2P
CONTROL DEVICES Planar Beamlead - PIN Diodes
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
CONTROL DEVICES - BEAMLEAD PIN DIODES
logo
Bourns Electronic Solut...
FVC BOURNS-FVC Datasheet
201Kb / 3P
Voltage Control Devices
FVC3100-BK BOURNS-FVC3100-BK Datasheet
200Kb / 3P
FVC Series Voltage Control Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com