Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4702 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # GC4702
Description  TM CONTROL DEVICES - LIMITER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4702 Datasheet(HTML) 3 Page - Microsemi Corporation

  GC4702 Datasheet HTML 1Page - Microsemi Corporation GC4702 Datasheet HTML 2Page - Microsemi Corporation GC4702 Datasheet HTML 3Page - Microsemi Corporation GC4702 Datasheet HTML 4Page - Microsemi Corporation GC4702 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GC4701 - GC4750
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 3
CONTROL DEVICES – LIMITER DIODES
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
POWER L E AK AGE PERFO RM AN CE
TR AN SFER CH ARAC TER I STIC S
+0
+10
+20
+30
+40
+50
+0
+10
+20
+30
+40
+50
+60
+70
Peak Input Power (dBm)
15 Micron
4 Micron
2 Micron
0 dB
10 dB
20 dB
30 dB
Typical Power Leakage vs I Region Thickness
Pout
Pin
Low Level
Ins. Loss
1 dB
Compression
Point
Linear Region
Compression
Hard Limiting
Burnout
Typical Limiter Transfer Characteristics
SERIES RESISTANCE
HIGH PO WER DU A L LIMITER DESIGN
Typical RS Vs IF Curve
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
100
IF(mA)
GC4750
GC4750
RF IN
50 Ω
RF OUT
50 Ω
DC BLOCK
DC BLOCK
SCHOTTKY
DRIVER (GC9700)
GC4712
Spacing
2 Stage Limiter with Schottky Driver
λ / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com