Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC6001 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC6001
Description  POWER GENERATION Microwave Noise Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC6001 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC6001 Datasheet HTML 1Page - Microsemi Corporation GC6001 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GC6001 – GC6003
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
POWER GENERATION
Microwave Noise Diodes
1. Junction Capacitance is measured at 1 MHz.
DESCRIPTION
The GC6000 series of RF/Microwave noise diodes represent the state
of the art in noise device technology. By carefully controlling junction
doping profiles and mesa geometry, these devices provide the
broadest, most uniform noise response available. Outputs are true
symmetrical
Gaussian
white
noise
with
predictable
thermal
performance. Choose from dozens of case style, including glass,
ceramic as well as EPSM® (enhanced performance surface mount)
for commercial pick and place assembly and die form for hybrid
systems.
APPLICATIONS
The GC6000 Series of devices are designed to generate white noise
for test equipment and specialty ECM applications. These devices
can be used in narrow and broadband noise sources for Noise Figure
testing as well as RF Fuses.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
RATING
SYMBOL
VALUE
UNIT
Maximum Leakage Current
@80% of Minimum Rated VB
IR
0.5
uA
Storage Temperature
TSTG
-65 to +150
ºC
Operating Temperature
TOP
-55 to +150
ºC
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model
Number
VB(V)
@IR=1mA
CJ(pF)
1
@-6V
(Typ.)
TL(ns)
(Typ.)
Frequency
Range
ENR
(db)
(Min)
GC6001
6-10
0.5
4
0.1-18
25
GC6002
8-14
1.0
7
0.1-12
28
GC6003
12-18
1.5
10
0.1-8
31
IMPORTANT:
For the most current data, consult our website
: www.MICROSEMI.com
Specifications are subject to change, consult factory for further information.
These devices are ESD sensitive and must be handled using ESD precautions.
1The GC6000 Series of products are
supplied with a RoHS complaint Gold
finish. Some packages can be supplied
with a MIL grade Sn/Pb finish. Consult
Factory for details.
APPLICATIONS/BENEFITS
 RF Fuses
 Noise Sources
 Noises Figure Calibration
 Spectrum Analyzers
 Signal Path Fade Test Sets
KEY FEATURES
 Multi-Octave Bandwidth
 Wide Bias Window
 Uniform Power Output
 High Reliability
 RoHS Compliant
1


Similar Part No. - GC6001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
Wideband Transmit-Receive Digital Signal Processors
GC6016IZEV TI1-GC6016IZEV Datasheet
510Kb / 46P
Wideband Transmit-Receive Digital Signal Processors
More results

Similar Description - GC6001

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TN-46 CLARE-TN-46 Datasheet
90Kb / 5P
MICROWAVE NOISE TUBES & NOISE SOURCES
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
BROADBAND COAXIAL MICROWAVE NOISE SOURCES
logo
Microsemi Corporation
GC2510 MICROSEMI-GC2510 Datasheet
173Kb / 3P
POWER GENERATION Step Recovery Diodes
logo
New Jersey Semi-Conduct...
1N21B NJSEMI-1N21B Datasheet
61Kb / 1P
Microwave Diodes
logo
California Eastern Labs
2SC3583 CEL-2SC3583 Datasheet
1Mb / 5P
MICROWAVE LOW NOISE AMPLIFIER
2SC3585 CEL-2SC3585 Datasheet
1Mb / 5P
MICROWAVE LOW NOISE AMPLIFIER
2SC4094 CEL-2SC4094 Datasheet
1Mb / 5P
MICROWAVE LOW NOISE AMPLIFIER
2SC4095 CEL-2SC4095 Datasheet
1Mb / 6P
MICROWAVE LOW NOISE AMPLIFIER
logo
Diotec Semiconductor
20SQ045-3G DIOTEC-20SQ045-3G Datasheet
159Kb / 2P
Schottky Barrier Rectifier Diodes Generation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com