Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4721 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC4721
Description  TM CONTROL DEVICES - LIMITER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4721 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC4721 Datasheet HTML 1Page - Microsemi Corporation GC4721 Datasheet HTML 2Page - Microsemi Corporation GC4721 Datasheet HTML 3Page - Microsemi Corporation GC4721 Datasheet HTML 4Page - Microsemi Corporation GC4721 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GC4701 - GC4750
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
CONTROL DEVICES – LIMITER DIODES
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
0B
DESCRIPTION
The GC4700 series diodes are specially processed PIN diodes designed
for use in passive or active limiters at frequencies through Ku band.
Thirteen categories of devices are offered for flexibility in design of low,
medium and high power limiters.
Low VB limiters have thinner I regions for faster turn-on time and better
flat leakage. Microsemi also manufactures “gold doped” limiters for fastest
turn on time. In addition, we manufacture high voltage dual junction
limiters for superior peak and CW power handling.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC.
APPLICATIONS
A diode limiter is a power-sensitive variable attenuator that uses the non-linear
properties of the diode to provide an impedance mismatch when sufficient amounts
of RF power are incident on the device. The output power is reduced to a level that
will not overdrive a receiver, burn out a mixer, etc. For varying input power levels in
excess of the diode’s threshold level, the limiter’s output power tends to remain
constant.
A passive limiter is one in which the limiter diodes are “turned on” by the RF signal
itself. An active limiter is one in which the limiter diodes are “turned on” primarily by
an external bias current typically supplied by a Schottky detector diode which
senses the incident signal.
Since limiter diodes are not designed to dissipate large amounts of power, the
limiter must reflect or divert the excess incident power back to the source or to
another load (i.e. via a circulator, hybrid coupler, etc.).
Limiter diodes may be used in wave guides, coax, microstrip, stripline or other
media. Single or cascaded devices may be used, depending on power levels.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of minimum Rated Vb
Ir
0.5
uA
Operating Temperature
T op
-55 to +150
ºC
Storage Temperature
T stg
-65 to +150
ºC
IMPORTANT: For the most current data, consult our website:
HU
www.MICROSEMI.com
U
Specifications are subject to change, consult the factory for further information.
These devices are ESD sensitive and must be handled using ESD precautions.
KEY FEATURES
Available as packaged devices or
as chips for hybrid applications
Low Loss
Suitable for applications to
18Ghz
Excellent flat leakage
performance
Low 1 dB compression point
Gold Doped Diodes for Fast Turn
On
RoHS Compliant
1
1 Most or our devices are supplied with
Gold plated terminations. Other
terminal finishes are available on
request. Consult factory for details.
APPLICATIONS/BENEFITS
Receiver protection circuits
Amplifier Protection


Similar Part No. - GC4721

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
GC4711-35 MICROCHIP-GC4711-35 Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
GC47668-192AP MICROCHIP-GC47668-192AP Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
GC47686-82 MICROCHIP-GC47686-82 Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
GC47687-00 MICROCHIP-GC47687-00 Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
GC47688-192AP MICROCHIP-GC47688-192AP Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results

Similar Description - GC4721

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC4210 MICROSEMI-GC4210 Datasheet
140Kb / 4P
TM CONTROL DEVICES - HIGH SPEED PIN DIODES
GC4510 MICROSEMI-GC4510 Datasheet
171Kb / 4P
CONTROL DEVICES High Voltage NIP Diodes TM
MPP4201 MICROSEMI-MPP4201_09 Datasheet
172Kb / 3P
CONTROL DEVICES ??MMSM PIN and Limiter Diodes
logo
American Microsemicondu...
MLD5114 AMMSEMI-MLD5114 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5115 AMMSEMI-MLD5115 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5116 AMMSEMI-MLD5116 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5123 AMMSEMI-MLD5123 Datasheet
707Kb / 1P
LIMITER DIODES
logo
Skyworks Solutions Inc.
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com