Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC4942 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC4942
Description  CONTROL DEVICES - BEAMLEAD PIN DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC4942 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC4942 Datasheet HTML 1Page - Microsemi Corporation GC4942 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GC4902 – GC4946
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES – BEAMLEAD PIN DIODES
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
.
Notes:
1) Insertion loss and Isolation are test at F = 2.2 GHz using transmission loss techniques.
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
DC Characteristics
RF Characteristics
Model Number
Vb (V)
IR=10μA
(Min)
CT (pF)
@10V
(Max)
Rs (Ω)
IF=10mA
F=2.2GHz
(Max)
Rs (Ω)
IF=50mA
F=2.2GHz
(Max)
TL(nS)
(Typ)
Isol (db)
1
Vr=10V
(Typ)
IL (db)
1
IF=10mA
(Typ)
IL (db)
1
IF=50mA
(Typ)
GC4902 – 12
100
0.025
3.0
80
29.0
0.26
GC4903 – 12
100
0.030
2.5
80
27.8
0.22
GC4941 – 12
50
0.060
1.5
50
22.0
0.13
GC4942 – 12
50
0.040
2.0
45
25.0
0.17
GC4943 – 12
50
0.030
3.0
40
27.5
0.26
GC4944 – 12
50
0.025
3.5
35
29.0
0.30
GC4945 – 12
50
0.022
5.5
40
30.5
0.46
GC4946 – 12
50
0.020
6.5
40
31.0
0.55
PACKAGE STYLE 12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com