Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC9702 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC9702
Description  SCHOTTKY BARRIER DIODES General Purpose TM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9702 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC9702 Datasheet HTML 1Page - Microsemi Corporation GC9702 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GC9700 – GC9704
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Copyright
 2007
Rev: 2009-01-22
RoHS Compliant
SCHOTTKY BARRIER DIODES
General Purpose
TM
®
Notes:
1.
IF (min) for the GC9703 is measured at VF = 0.5 V. All others measured at 1.0 V.
.
D E SCRI PTI ON
This unique mesa construction (GC9700, GC9701, and GC9702) provides
high breakdown voltage with true Schottky characteristics without resorting to
the use of a diffused guard ring. The GC9703 and GC9704 are planar
schottky devices. The standard devices are available in glass axial leaded
packages as well as in chip form. Custom package styles are available on
request.
APPLICATIONS
General high speed switching. High level mixers and detectors. Bridge quads
for sampling circuits. Well suited for pulse shaping as well as limiting
requirements..
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Carrier Lifetime
TL
100
pS
Storage Temperature
TSTG
-65 to +200
ºC
Operating Temperature
TOP
-55 to +150
ºC
CHIP ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
Vb(V)
IR=10μA
(Min)
CT(pF)
VR=0V
(Max)
VF(mV)
IF=1mA
(Max)
IF(mA)
1
@ 1.0V
(Min)
IR(nA)
@ VR
(Max)
VR(V)
GC9700
70
2.1
430
15
200
50
GC9701
30
1.5
430
50
100
25
GC9702
20
1.5
430
35
300
15
GC9703
8
1.2
350
10
1
100
1
GC9704
5
0.8
600
10
100
1
KEY FEATURES
Fast Switching
Low Turn On Voltage
Economical
Tape and Reel Available
RoHS Compliant
1
1 The GC9700 Series of products
are supplied with a RoHS complaint
Gold finish.
APPLICATIONS/BENEFITS
Mixers
Detectors
Limiters
Pulse Shaping


Similar Part No. - GC9702

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC9001 MICROSEMI-GC9001 Datasheet
113Kb / 2P
PASSIVE DEVICES - Spiral Bias Elements
GC9002 MICROSEMI-GC9002 Datasheet
113Kb / 2P
PASSIVE DEVICES - Spiral Bias Elements
GC9003 MICROSEMI-GC9003 Datasheet
113Kb / 2P
PASSIVE DEVICES - Spiral Bias Elements
logo
Microchip Technology
GC9003-202 MICROCHIP-GC9003-202 Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
logo
Microsemi Corporation
GC9004 MICROSEMI-GC9004 Datasheet
113Kb / 2P
PASSIVE DEVICES - Spiral Bias Elements
More results

Similar Description - GC9702

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD101A SEMTECH-SD101A Datasheet
179Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications
SD103A SEMTECH-SD103A Datasheet
194Kb / 3P
Silicon Schottky Barrier Diodes for general purpose applications?
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
Schottky Barrier Diodes for General Purpose Applications
logo
NXP Semiconductors
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
Microsemi Corporation
MS8250-48 MICROSEMI-MS8250-48 Datasheet
140Kb / 2P
SCHOTTKY DIODES TM Silicon Low Barrier
logo
New Jersey Semi-Conduct...
1N5711 NJSEMI-1N5711 Datasheet
124Kb / 1P
Schottky Barrier Diodes for General Purpose Applications
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com