Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC9008 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC9008
Description  PASSIVE DEVICES - Spiral Bias Elements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9008 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC9008 Datasheet HTML 1Page - Microsemi Corporation GC9008 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GC9001 – GC9011
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
TM
®
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
PASSIVE DEVICES – Spiral Bias Elements
.
ELECTRICAL PARAMETERS @ 25C
(unless otherwise specified)
Model Number
L(nH)
(Typ)
RDC(Ohms)
(Typ)
OUTLINE
GC9005
3
1.0
A
GC9001
6
1.5
A
GC9006
10
2.0
B
GC9002
15
2.5
B
GC9007
21
3.5
C
GC9008
28
4.0
C
GC9003
36
5.0
C
GC9009
45
6.0
D
GC9010
55
7.0
D
GC9011
68
8.0
D
GC9004
78
8.5
D
MECHANICAL DIMENSIONS
OUTLINE
Chip
L(A) X W(B)
(Inches)
(Max)
Chip
Thickness(C)
(Inches)
(+/-0.002)
A
0.031” X 0.031"
0.011
B
0.032” X 0.032"
0.011
C
0.041” X 0.041"
0.011
D
0.061” X 0.061"
0.011
.
RECOMMENDED CHIP ATTACHMENT AND LEAD BONDING PROCEDURES
CHIP ATTACHMENT
Chip attachment to hybrid circuits or module bodies can
be accomplished with either conductive or nonconductive
epoxy paste. EPO TEK H-61 or EPO TEK H-20 are
examples of some commonly used epoxy pastes
RIBBON OR WIRE BONDING
Thermo-compression bonding is recommended. A temperature of
175°C with pressure of 25 grams would be adequate for bonding
most gold ribbon or wire. For optimum performance, attach RF
input to pad at center of coil and the bypass network (capacitance)
to outside pad.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com